Electronic Components Datasheet Search
  English  ▼

X  

IG220 Datasheet(PDF) 2 Page - MicroPower Direct, LLC

Part # IG220
Description  High Isolation SiC Drivers DC/DC Converters
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC

IG220 Datasheet(HTML) 2 Page - MicroPower Direct, LLC

  IG220 Datasheet HTML 1Page - MicroPower Direct, LLC IG220 Datasheet HTML 2Page - MicroPower Direct, LLC IG220 Datasheet HTML 3Page - MicroPower Direct, LLC IG220 Datasheet HTML 4Page - MicroPower Direct, LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.micropowerdirect.com
MicroPower Direct • 292 Page Street Ste D Stoughton, MA 02072 • TEL: (781) 344-8226 • FAX: (781) 344-8481 • E-Mail: sales@micropowerdirect.com
Notes:
1. Line regulation is measured for an input voltage change of ±10%.
2. Load regulation is measured from 10% load to full load.
3. When measuring output ripple & noise, it is recommended that an exter-
nal capacitor (1 µF to 10 µF) be placed from each output to common.
The typical noise specified for the IG220-12 is 100 mV P - P.
4. The unit will meet the radiated and conducted EMI specifications
with the addition of external components as shown in the con-
nection diagram on page 3.
5. Operation at no-load will not damage these units. However, they
may not meet all specifications.
6. It is recommended that a fuse be used on the input of a power
supply for protection. See the Model Selection table above for
the correct rating.
Model Selection Guide
www.micropowerdirect.com
www.micropowerdirect.com
Model
Number
Input (Supply)
Output 1
Output 2
Fuse
Rating
Slow-Blow
(mA)
Voltage (VDC)
Current (mA)
Voltage (VDC)
Current (mA)
Voltage (VDC)
Current (mA)
Nom.
Range
Full Load No Load
Min.
Nom.
Max.
Max
Min
Min.
Nom.
Max.
Max
Min
IG220-12
12
10.80 - 13.20
280
20
19.60
20.0
20.40
100.0
10.0
-3.70
-4.00
-4.10
-100.0 -10.0
500
IG220-15
15
13.50 - 16.50
193
16
17.70
18.0
18.45
100.0
10.0
-2.90
-3.00
-3.20
-100.0 -10.0
400
IG220-24
24
21.60 - 26.40
125
13
19.50
20.0
20.50
100.0
10.0
-3.70
-4.00
-4.30
-100.0 -10.0
250
Derating Curve
Efficiency vs Output Load 15 VDC Input
Efficiency vs Input Voltage 15 VDC Input
Efficiency vs Input Voltage 24 VDC Input
Efficiency vs Output Load 24 VDC Input
Efficiency vs Output Load 12 VDC Input
Efficiency vs Input Voltage 12 VDC Input



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com