Electronic Components Datasheet Search
  English  ▼

X  

IG220 Datasheet(PDF) 1 Page - MicroPower Direct, LLC

Part # IG220
Description  High Isolation SiC Drivers DC/DC Converters
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC

IG220 Datasheet(HTML) 1 Page - MicroPower Direct, LLC

  IG220 Datasheet HTML 1Page - MicroPower Direct, LLC IG220 Datasheet HTML 2Page - MicroPower Direct, LLC IG220 Datasheet HTML 3Page - MicroPower Direct, LLC IG220 Datasheet HTML 4Page - MicroPower Direct, LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
www.micropowerdirect.com
MicroPower Direct
292 Page Street
Suite D
Stoughton, MA 02072
USA
T: (781) 344-8226
F: (781) 344-8481
E: sales@micropowerdirect.com
W: www.micropowerdirect.com
Key Features:
• +20/-4 VDC Outputs
• 83% Efficiency
• -40°C to 105°C Operation
• 3,500 VAC Isolation
• Miniature SIP Case
• >3.5 MHour MTBF
• Short Circuit Protection
IG220
High Isolation
SiC Drivers
DC/DC Converters
Series
Input
Parameter
Conditions
Min.
Typ.
Max.
Units
Supply Voltage Range
See Model Selection Guide
Input Filter
Internal Capacitor
Output
Parameter
Conditions
Min.
Typ.
Max.
Units
Line Regulation, See Note 1
12 VIN
±1.5
±2.0
%
15 VIN
±1.4
±2.0
24 VIN
±1.1
±1.3
Load Regulation, See Note 2
IG220-12
20 VOUT
--
8.0
%
-4 VOUT
--
13.0
IG220-15
18 VOUT
7.0
11.0
-3 VOUT
6.0
10.0
IG220-24
20 VOUT
5.0
8.0
-4 VOUT
10.0
13.0
Ripple & Noise (20 MHz), See Note 3
20 VOUT
60
mV P - P
-4 VOUT
75
Capacitive Load
220
µF
Efficiency
IG220-12
80
%
IG220-15, IG220-24
83
Temperature Coefficient
±0.03
%/ºC
Output Short Circuit
Continuous (Autorecovery)
General
Parameter
Conditions
Min.
Typ.
Max.
Units
Isolation Voltage
60 Seconds
3,500
VAC
Isolation Resistance
500 VDC
1,000
M
Isolation Capacitance
100 kHz/0.1V
3.5
pF
Switching Frequency
100
kHz
EMI Characteristics
Parameter
Standard
Criteria
Level
Radiated Emissions, See Note 4
EN 55022
Class B
Conducted Emissions, See Note 4
EN 55022
Class B
ESD
EN 61000-4-2
B
±6 kV Contact
Environmental
Parameter
Conditions
Min.
Typ.
Max.
Units
Operating Temperature Range
Ambient
-40
+25
+105
ºC
Storage Temperature Range
IG220-12
-50
+125
ºC
IG220-15, IG220-24
-55
+125
Cooling
Free Air Convection
Humidity
RH, Non-condensing
95
%
Physical
Case Size
See Mechanical Diagram (Page 4)
Case Material
Non-Conductive Black Plastic (UL94-V0)
Weight
0.152 Oz (4.3g)
Reliability Specifications
Parameter
Conditions
Min.
Typ.
Max.
Units
MTBF
MIL HDBK 217F, 25ºC, Gnd Benign
3.5
MHours
Absolute Maximum Ratings
Parameter
Conditions
Min.
Typ.
Max.
Units
Max Supply Voltage (1 Sec)
12 VIN
21
VDC
15 VIN
21
24 VIN
30
Lead Temperature
1.5 mm From Case For 10 Sec
300
ºC
Caution: Exceeding Absolute Maximum Ratings may damage the module. These are not continuous operating ratings.
Electrical Specifications
Specifications typical @ +25°C, nominal input voltage & rated output current, unless otherwise noted. Specifications subject to change without notice.


Similar Part No. - IG220

ManufacturerPart #DatasheetDescription
logo
Digilent
IG220053X00085R DIGILENT-IG220053X00085R Datasheet
191Kb / 5P
SPECIFICATION FOR APPROVAL
Dec 29, 2014
More results

Similar Description - IG220

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
D221I ETC1-D221I Datasheet
97Kb / 2P
High Isolation Miniature, 2W SIP DC/DC Converters
logo
Intronics Power, Inc.
DC600-I INTRONICS-DC600-I Datasheet
114Kb / 1P
3.0 WATT HIGH ISOLATION DC-DC CONVERTERS
logo
MicroPower Direct, LLC
IG100 MPD-IG100 Datasheet
258Kb / 2P
High Isolation IGBT Driver DC/DC Converters
MHI1000BRWI8 MPD-MHI1000BRWI8 Datasheet
450Kb / 2P
Compact, 10W Ultra-High Isolation DC/DC Converters
IG120-20 MPD-IG120-20 Datasheet
623Kb / 2P
High Isolation SiC Driver DC/DC Converter
IG275-XXE MPD-IG275-XXE Datasheet
1Mb / 4P
High Isolation IGBT Driver DC/DC Converters
logo
Toshiba Semiconductor
TJ100F04M3L TOSHIBA-TJ100F04M3L Datasheet
313Kb / 10P
DC-DC Converters Motor Drivers
TJ100F06M3L TOSHIBA-TJ100F06M3L Datasheet
325Kb / 10P
DC-DC Converters Motor Drivers
TJ200F04M3L TOSHIBA-TJ200F04M3L Datasheet
329Kb / 11P
DC-DC Converters Motor Drivers
logo
MORNSUN Science& Techno...
QAA03C-1505R3 MORNSUN-QAA03C-1505R3 Datasheet
3Mb / 10P
DC/DC Converter for SiC DriverS
2022.07.07
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com