Electronic Components Datasheet Search
  English  ▼

X  

IG220 Datasheet(PDF) 3 Page - MicroPower Direct, LLC

Part # IG220
Description  High Isolation SiC Drivers DC/DC Converters
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC

IG220 Datasheet(HTML) 3 Page - MicroPower Direct, LLC

  IG220 Datasheet HTML 1Page - MicroPower Direct, LLC IG220 Datasheet HTML 2Page - MicroPower Direct, LLC IG220 Datasheet HTML 3Page - MicroPower Direct, LLC IG220 Datasheet HTML 4Page - MicroPower Direct, LLC  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
MicroPower Direct • 292 Page Street Ste D Stoughton, MA 02072 • TEL: (781) 344-8226 • FAX: (781) 344-8481 • E-Mail: sales@micropowerdirect.com
www.micropowerdirect.com
Typical Connection
The IG220-xx series is specifically designed for
use in gate driver circuits. With asymmetrical
outputs of +20 VDC & -4 VDC, an isolation barrier
specified at 3.5 kVAC, very low isolation capaci-
tance and a wide operating temperature range;
they are an ideal choice for Silicon Carbide (SiC)
MOSFET drive & control circuits.
SiC MOSFETs are often used in high voltage,
very high frequency applications. The figure
above illustrates a typical connection to a driver
circuit. Again, MPD offers a number of power
products that can be used in gate driver circuits
(IGBT and SiC).
The circuit above uses three MPD parts. At the
top, a DC/DC converter is used convert the 24
VDC bus into voltage levels required by the driver
components (if required). This converter also iso-
lates the driver circuit from the power bus. MPD
offers hundreds of standard DC/DC converters
that can be used for this purpose.
The MSR7805-05WUP is a miniature, very low
cost switching regulator. In this circuit, it con-
verts the 24 VDC bus into a regulated 5 VDC that
is used for the input signal pull-up.
7. Recommended values for components are:
Component
12 VIN
15 VIN
24 VIN
C4
4.7 µF/50V
4.7 µF/50V
4.7 µF/50V
LDM
6.8 µH
6.8 µH
6.8 µH
C5
4.7 µF/50V
4.7 µF/50V
4.7 µF/50V
C6
100 µF/35V
100 µF/35V
100 µF/35V
C7
100 µF/35V
100 µF/35V
100 µF/35V
The IG220-24 converts the input 24 VDC into
asymmetrical +20 VDC & -4 VDC outputs. These
outputs are used to set up the positive/minus gate
bias required for high and low side switching.
The IG220-24 also provides power isolation for
the gate drive. All models are specified for 3.5
kVAC I/O isolation. The optocoupler provides
isolation for the control signal.
Some notes on the IG220-xx connection (starting
with the input) are:
1.The IG220-xx DC/DC should be mounted as
close to the SiC driver as possible, to minimize
the length of connecting board traces or wires.
2.The IG220 series does not include overload pro-
tection (typical of most low power DC/DC’s). It
is recommended that an external fuse be used.
The recommended fuse is shown in the model
chart on page two.
3.The addition of the input filter components (C4,
C5 and LDM) will typically bring the IG220-xx cir-
cuit to within the limits of EN 55022 Class B. The
recommended values for these components are
shown in the table at right.
If meeting EN 55022 class A or B is not a con-
cern, the inductor (LDM) and one capacitor (C4)
can be eliminated.
4.The recommended values for the decoupling
capacitors C6 and C7 are shown in the table
below. These low ESR capacitors should be
mounted as close to the driver circuit as pos-
sible.
5.Input filtering components (C4, C5 and LDM)
should be mounted as close to the unit as pos-
sible. The PC board trace (or wire) between the
DC/DC and the driver circuit should be as short
as possible.
6.The use of tantalum capacitors in this circuit
should be avoided.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com