Electronic Components Datasheet Search
  English  ▼

X  

AD5415 Datasheet(PDF) 16 Page - Analog Devices

Part # AD5415
Description  Dual 12-Bit, High Bandwidth, Multiplying DAC with 4-Quadrant Resistors and Serial Interface
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5415 Datasheet(HTML) 16 Page - Analog Devices

Back Button AD5415 Datasheet HTML 12Page - Analog Devices AD5415 Datasheet HTML 13Page - Analog Devices AD5415 Datasheet HTML 14Page - Analog Devices AD5415 Datasheet HTML 15Page - Analog Devices AD5415 Datasheet HTML 16Page - Analog Devices AD5415 Datasheet HTML 17Page - Analog Devices AD5415 Datasheet HTML 18Page - Analog Devices AD5415 Datasheet HTML 19Page - Analog Devices AD5415 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
AD5415
Rev. 0 | Page 16 of 28
BIPOLAR OPERATION
In some applications, it might be necessary to generate full
4-quadrant multiplying operation or a bipolar output swing.
This can be easily accomplished by using another external
amplifier and the on chip 4-quadrant resistors, as shown in
Figure 34.
When in bipolar mode, the output voltage is given by
VOUT = VREF × D/2n − 1 −VREF
where D is the fractional representation of the digital word
loaded to the DAC, in the range of 0 to 4095.
n is the number of bits.
When VIN is an ac signal, the circuit performs 4-quadrant
multiplication.
Table 6 shows the relationship between digital code and the
expected output voltage for bipolar operation.
Table 6. Bipolar Code Table
Digital Input
Analog Output (V)
1111 1111
+VREF (2047/2048)
1000 0000
0
0000 0001
−VREF (2047/2048)
0000 0000
VREF (2048/2048)
STABILITY
In the I-to-V configuration, the IOUT of the DAC and the
inverting node of the op amp must be connected as close as
possible, and proper PCB layout techniques must be employed.
Because every code change corresponds to a step function, gain
peaking can occur if the op amp has limited GBP and there is
excessive parasitic capacitance at the inverting node. This
parasitic capacitance introduces a pole into the open loop
response that can cause ringing or instability in the closed loop
application’s circuit.
An optional compensation capacitor, C1, can be added in
parallel with RFB for stability, as shown in Figure 33 and
Figure 34. Too small a value of C1 can produce ringing at the
output, while too large a value can adversely affect the settling
time. C1 should be found empirically, but 1 pF to 2 pF is
generally adequate for the compensation.
IOUT1A
IOUT2A
RFBA
RFB
2R
R1
2R
AD5415
12-BIT DAC A
R
GND
SDIN
VREFA
SCLK
SYNC
R2
2R
R3
2R
R2A
R2_3A
R3A
VDD
C1
A1
VOUT =–VIN TO +VIN
A1
AGND
uCONTROLLER
R1A
AGND
AGND
VIN
NOTES:
1DAC B OMITTED FOR CLARITY.
2C1 PHASE COMPENSATION (1pF TO 2pF) MAY BE REQUIRED,
IF A1 IS A HIGH SPEED AMPLIFIER.
Figure 34. Bipolar Operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com