Electronic Components Datasheet Search
  English  ▼

X  

AD5415 Datasheet(PDF) 21 Page - Analog Devices

Part # AD5415
Description  Dual 12-Bit, High Bandwidth, Multiplying DAC with 4-Quadrant Resistors and Serial Interface
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5415 Datasheet(HTML) 21 Page - Analog Devices

Back Button AD5415 Datasheet HTML 17Page - Analog Devices AD5415 Datasheet HTML 18Page - Analog Devices AD5415 Datasheet HTML 19Page - Analog Devices AD5415 Datasheet HTML 20Page - Analog Devices AD5415 Datasheet HTML 21Page - Analog Devices AD5415 Datasheet HTML 22Page - Analog Devices AD5415 Datasheet HTML 23Page - Analog Devices AD5415 Datasheet HTML 24Page - Analog Devices AD5415 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
AD5415
Rev. 0 | Page 21 of 28
Table 11. DAC Control Bits
C3
C2
C1
C0
DAC
Function
0
0
0
0
A and B
No Operation (Power-On Default)
0
0
0
1
A
Load and Update
0
0
1
0
A
Initiate Readback
0
0
1
1
A
Load Input Register
0
1
0
0
B
Load and Update
0
1
0
1
B
Initiate Readback
0
1
1
0
B
Load Input Register
0
1
1
1
A and B
Update DAC Outputs
1
0
0
0
A and B
Load Input Registers
1
0
0
1
–
Daisy-Chain Disable
1
0
1
0
–
Clock Data to Shift Register on Rising Edge
1
0
1
1
–
Clear DAC Output to Zero
1
1
0
0
–
Clear DAC Output to Midscale
1
1
0
1
–
Control Word
1
1
1
0
–
Reserved
1
1
1
1
–
No Operation
SYNC FUNCTION
SYNC is an edge-triggered input that acts as a frame synchroni-
zation signal and chip enable. Data can be transferred into the
device only while SYNC is low. To start the serial data transfer,
SYNC should be taken low, observing the minimum SYNC
falling to SCLK falling edge setup time, t4.
DAISY-CHAIN MODE
Daisy-chain mode is the default mode at power-on. To disable
the daisy-chain function, write 1001 to the control word. In
daisy-chain mode, the internal gating on SCLK is disabled. The
SCLK is continuously applied to the input shift register when
SYNC is low. If more than 16 clock pulses are applied, the data
ripples out of the shift register and appears on the SDO line.
This data is clocked out on the rising edge of SCLK and is valid
for the next device on the falling edge (default). By connecting
this line to the DIN input on the next device in the chain, a
multidevice interface is constructed. Sixteen clock pulses are
required for each device in the system. Therefore, the total
number of clock cycles must equal 16N, where N is the total
number of devices in the chain. (See the timing diagram in
Figure 4.)
When the serial transfer to all devices is complete, SYNC should
be taken high. This prevents any further data from being
clocked into the input shift register. A burst clock containing the
exact number of clock cycles can be used and SYNC taken high
some time later. After the rising edge of SYNC, data is automati-
cally transferred from each device’s input shift register to the
addressed DAC.
When control bits are 0000, the device is in no-operation mode.
This might be useful in daisy-chain applications, where the user
does not want to change the settings of a particular DAC in the
chain. Simply write 0000 to the control bits for that DAC, and
the following data bits are ignored.
STANDALONE MODE
After power-on, writing 1001 to the control word disables daisy-
chain mode. The first falling edge of SYNC resets a counter that
counts the number of serial clocks to ensure that the correct
number of bits is shifted in and out of the serial shift registers. A
SYNC edge during the 16-bit write cycle causes the device to
abort the current write cycle.
After the falling edge of the 16th SCLK pulse, data is automati-
cally transferred from the input shift register to the DAC. In
order for another serial transfer to take place, the counter must
be reset by the falling edge of SYNC.
LDAC FUNCTION
The LDAC function allows asynchronous or synchronous
updates to the DAC output. The DAC is asynchronously
updated when this signal goes low. Alternatively, if this line is
held permanently low, an automatic or synchronous update
mode is selected, whereby the DAC is updated on the 16th clock
falling edge when the device is in standalone mode or on the
rising edge of SYNC when in daisy-chain mode.
Software LDAC Function
Load and update mode also functions as a software update
function, irrespective of the voltage level on the LDAC pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com