Electronic Components Datasheet Search
  English  ▼

X  

AD5415 Datasheet(PDF) 19 Page - Analog Devices

Part # AD5415
Description  Dual 12-Bit, High Bandwidth, Multiplying DAC with 4-Quadrant Resistors and Serial Interface
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5415 Datasheet(HTML) 19 Page - Analog Devices

Back Button AD5415 Datasheet HTML 15Page - Analog Devices AD5415 Datasheet HTML 16Page - Analog Devices AD5415 Datasheet HTML 17Page - Analog Devices AD5415 Datasheet HTML 18Page - Analog Devices AD5415 Datasheet HTML 19Page - Analog Devices AD5415 Datasheet HTML 20Page - Analog Devices AD5415 Datasheet HTML 21Page - Analog Devices AD5415 Datasheet HTML 22Page - Analog Devices AD5415 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 28 page
background image
AD5415
Rev. 0 | Page 19 of 28
Table 7. ADI Precision References for Use with AD54xx DACs
Reference
Output Voltage (V)
Initial Tolerance (%)
Temp. Drift (ppm/°C)
0.1 Hz to 10 Hz Noise
Package
ADR01
10
0.1
3
20 µV p-p
SC70, TSOT, SOIC
ADR02
5
0.1
3
10 µV p-p
SC70, TSOT, SOIC
ADR03
2.5
0.2
3
10 µV p-p
SC70, TSOT, SOIC
ADR425
5
0.04
3
3.4 µV p-p
MSOP, SOIC
Table 8. Precision ADI Op Amps for Use with AD54xx DACs
Part No.
Max Supply Voltage (V)
VOS (max) µV
IB (max) nA
GBP MHz
Slew Rate (V/µs)
OP97
±20
25
0.1
0.9
0.2
OP1177
±18
60
2
1.3
0.7
AD8551
±6
5
0.05
1.5
0.4
Table 9. High Speed ADI Op Amps for Use with AD54xx DACs
Part No.
Max Supply Voltage (V)
VOS (max) µV
IB (max) nA
BW @ ACL MHz
Slew Rate (V/µs)
AD8065
±12
1500
0.01
145
180
AD8021
±12
1000
1000
200
100
AD8038
±5
3000
0.75
350
425



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com