Electronic Components Datasheet Search
  English  ▼

X  

CS5323 Datasheet(PDF) 7 Page - ON Semiconductor

Part # CS5323
Description  Three-Phase Buck Controller with 5-Bit DAC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS5323 Datasheet(HTML) 7 Page - ON Semiconductor

Back Button CS5323 Datasheet HTML 3Page - ON Semiconductor CS5323 Datasheet HTML 4Page - ON Semiconductor CS5323 Datasheet HTML 5Page - ON Semiconductor CS5323 Datasheet HTML 6Page - ON Semiconductor CS5323 Datasheet HTML 7Page - ON Semiconductor CS5323 Datasheet HTML 8Page - ON Semiconductor CS5323 Datasheet HTML 9Page - ON Semiconductor CS5323 Datasheet HTML 10Page - ON Semiconductor CS5323 Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
CS5323
http://onsemi.com
7
PACKAGE PIN DESCRIPTION
PACKAGE PIN #
20 Lead SO Wide
PIN SYMBOL
FUNCTION
1
ROSC
A resistor from this pin to ground sets operating frequency
and VFB bias current.
2
COMP
Output of the error amplifier and input for the PWM
comparators.
3
VFB
Voltage Feedback Pin. To use Adaptive Positioning, set the
light load offset voltage by connecting a resistor between VFB
and CSREF. The resistor and the VFB bias current determine
the offset. For no adaptive positioning connect VFB directly to
CSREF.
4
VDRP
Current sense output for adaptive voltage positioning (AVP).
The level of this pin above the DAC voltage is proportional to
the output current. Connect a resistor from this pin to VFB to
set AVP or leave this pin open for no AVP.
5–7
CS1–CS3
Current sense inputs. Connect current sense network for the
corresponding phase to each CSx pin.
8
CSREF
Reference for Current Sense Amplifiers. To balance input
offset voltages between the inverting and noninverting inputs
of the Current Sense Amplifiers, connect a resistor between
CSREF and the output voltage. The value should be 1/3 of
the value of the resistors connected to the CSx pins.
9
ILIM
Sets the threshold for hiccup mode current limit. Connect to
reference through a resistive divider.
10
REF
Reference output. Decouple with 0.1
µF.
11–15
VID0–VID4
Voltage ID DAC inputs. These pins are internally pulled up to
3.3 V if left open.
16
Gnd
IC Gnd.
17–19
GATE1–3
GATE drive signal.
20
VCC
Power for IC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com