Electronic Components Datasheet Search
  English  ▼

X  

CS5323 Datasheet(PDF) 8 Page - ON Semiconductor

Part # CS5323
Description  Three-Phase Buck Controller with 5-Bit DAC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS5323 Datasheet(HTML) 8 Page - ON Semiconductor

Back Button CS5323 Datasheet HTML 4Page - ON Semiconductor CS5323 Datasheet HTML 5Page - ON Semiconductor CS5323 Datasheet HTML 6Page - ON Semiconductor CS5323 Datasheet HTML 7Page - ON Semiconductor CS5323 Datasheet HTML 8Page - ON Semiconductor CS5323 Datasheet HTML 9Page - ON Semiconductor CS5323 Datasheet HTML 10Page - ON Semiconductor CS5323 Datasheet HTML 11Page - ON Semiconductor CS5323 Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
CS5323
http://onsemi.com
8
−
+
−
+
−
+
−
−
+
−
+
−
+
+
−
+
−
+
−
−
+
×
CO1
CO1
PH 1
PH 2
PH 3
VCC
VCC
3.3 V
REF
DAC
CO1
DACOUT
CO2
CO3
DACOUT
FAULT
CO3
OFFSET
FAULT
FAULT
CO2
CO2
DACOUT
FAULT
PH 2
PH 3
PH 1
OSC
BIAS
VCC
ILIM
GATE
GATE
GATE
S
R
R
R
S
S
R
S
FAULT
0.44 V
0.44 V
0.44 V
4.6 V
4.4 V
0.27 V
VITotal
VFB ROSC
Current
Source
Gen
MAXC1
MAXC2
MAXC3
PWMC1
PWMC2
PWMC3
EA
1
2
CSA1
CSA2
CSA3
5
µA
AVPA
1.5
Start
Stop
REF
VID0
VID1
VID2
VID3
VID4
CS1
CS2
CS3
CSREF
1
2
OVIC
RESC
Gnd
VDRP
COMP
CO3
FAULT
Figure 2. Block Diagram
TYPICAL PERFORMANCE CHARACTERISTICS
10
20
70
30
40
50
60
ROSC Value, kΩ
Figure 3. Oscillator Frequency
900
800
700
600
500
400
300
200
100
50
ROSC Value, kΩ
Figure 4. VFB Bias Current vs. ROSC Value
0
60
40
80
20
60
70
80
20
30
40
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com