Electronic Components Datasheet Search
  English  ▼

X  

CS5323 Datasheet(PDF) 1 Page - ON Semiconductor

Part # CS5323
Description  Three-Phase Buck Controller with 5-Bit DAC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS5323 Datasheet(HTML) 1 Page - ON Semiconductor

  CS5323 Datasheet HTML 1Page - ON Semiconductor CS5323 Datasheet HTML 2Page - ON Semiconductor CS5323 Datasheet HTML 3Page - ON Semiconductor CS5323 Datasheet HTML 4Page - ON Semiconductor CS5323 Datasheet HTML 5Page - ON Semiconductor CS5323 Datasheet HTML 6Page - ON Semiconductor CS5323 Datasheet HTML 7Page - ON Semiconductor CS5323 Datasheet HTML 8Page - ON Semiconductor CS5323 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
© Semiconductor Components Industries, LLC, 2002
August, 2002 – Rev. 6
1
Publication Order Number:
CS5323/D
CS5323
Three-Phase Buck
Controller with 5-Bit DAC
The CS5323 is a three–phase step down controller that incorporates
all control functions required to power next generation processors.
Proprietary multi–phase architecture guarantees balanced load current
distribution and reduces overall solution cost in high current
applications. Enhanced V2
™ control architecture provides the fastest
possible transient response, excellent overall regulation, and ease of
use.
The multi–phase architecture reduces input and output filter ripple,
allowing for a reduction in filter size and inductor values with a
corresponding increase in the output inductor current slew rate.
Features
• Enhanced V2 Control Method
• 5–Bit DAC with 1.0% Tolerance
• Adjustable Output Voltage Positioning
• Programmable Frequency Set by Single Resistor
• 200 kHz to 800 kHz Operation (Per Phase)
• Current Sensed through Sense Resistors, or Buck Inductors
• Adjustable Current Sense Threshold
• Hiccup Mode Current Limit
• Over–Voltage Protection through Synchronous MOSFET’s
• Individual Current Limits for Each Phase
• On–Board Current Sense Amplifiers
• 3.3 V, 1.0 mA Reference Output
• 5.0 V and/or 12 V Operation
• On/Off Control (through COMP Pin)
A
= Assembly Location
WL, L
= Wafer Lot
YY, Y
= Year
WW, W
= Work Week
Device
Package
Shipping
ORDERING INFORMATION
CS5323GDW20
SO–20L
37 Units/Rail
CS5323GDWR20
SO–20L
1000 Tape & Reel
COMP
VFB
VDRP
CS1
CS2
CS3
CSREF
VID0
VID1
VID2
VID3
VID4
ILIM
REF
ROSC
VCC
GATE1
GND
GATE2
GATE3
PIN CONNECTIONS AND
MARKING DIAGRAM
SO–20L
DW SUFFIX
CASE 751D
1
1
20
http://onsemi.com


Similar Part No. - CS5323

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CS5323 ONSEMI-CS5323 Datasheet
328Kb / 16P
Three?뭁hase Buck Controller with 5?묪it DAC
July, 2006 ??Rev. 7
CS5323GDW20 ONSEMI-CS5323GDW20 Datasheet
328Kb / 16P
Three?뭁hase Buck Controller with 5?묪it DAC
July, 2006 ??Rev. 7
CS5323GDWR20 ONSEMI-CS5323GDWR20 Datasheet
328Kb / 16P
Three?뭁hase Buck Controller with 5?묪it DAC
July, 2006 ??Rev. 7
CS5323 ONSEMI-CS5323_06 Datasheet
328Kb / 16P
Three?뭁hase Buck Controller with 5?묪it DAC
July, 2006 ??Rev. 7
More results

Similar Description - CS5323

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP3162 AD-ADP3162 Datasheet
151Kb / 12P
5-Bit Programmable 2-Phase Synchronous Buck Controller
ADP3164 AD-ADP3164 Datasheet
162Kb / 16P
5-Bit Programmable 4-Phase Synchronous Buck Controller
REV.0
ADP3160 AD-ADP3160 Datasheet
292Kb / 16P
5-Bit Programmable 2-Phase Synchronous Buck Controller
05/02-Data Sheet changed from REV. A to REV. B.
logo
ON Semiconductor
NCP5332A ONSEMI-NCP5332A Datasheet
328Kb / 30P
Two-Phase Buck Controller with Integrated Gate Drivers and 5-Bit DAC
August, 2003 ??Rev. 4
logo
Maxim Integrated Produc...
DS4302 MAXIM-DS4302 Datasheet
535Kb / 8P
2-Wire, 5-Bit DAC with Three Digital Outputs
Rev 1; 6/04
logo
ON Semiconductor
NCP5322A ONSEMI-NCP5322A Datasheet
1Mb / 32P
TWO-PHASE BUCK CONTROLLER WITH INTEGRATED GATE DRIVERS AND 5-BIT DAC
December, 2001 ??Rev. 4
CS5323 ONSEMI-CS5323_06 Datasheet
328Kb / 16P
Three?뭁hase Buck Controller with 5?묪it DAC
July, 2006 ??Rev. 7
ADP3209CJCPZ-RL ONSEMI-ADP3209CJCPZ-RL Datasheet
752Kb / 32P
5-Bit, Programmable, Single-Phase, Synchronous Buck Controller
Jan2008 Rev. 2 ADP3209/D
CS5304 ONSEMI-CS5304 Datasheet
247Kb / 19P
Three-Phase Buck Controller
September, 2011 ??Rev. 0
ADP3164 ONSEMI-ADP3164 Datasheet
256Kb / 15P
5-Bit Programmable 4-Phase Synchronous Buck Controller
May 2010 - Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com