Electronic Components Datasheet Search
  English  ▼

X  

SL28DB200 Datasheet(PDF) 8 Page - Silicon Laboratories

Part # SL28DB200
Description  100 MHz Differential Buffer for PCI Express and SATA
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SL28DB200 Datasheet(HTML) 8 Page - Silicon Laboratories

  SL28DB200 Datasheet HTML 1Page - Silicon Laboratories SL28DB200 Datasheet HTML 2Page - Silicon Laboratories SL28DB200 Datasheet HTML 3Page - Silicon Laboratories SL28DB200 Datasheet HTML 4Page - Silicon Laboratories SL28DB200 Datasheet HTML 5Page - Silicon Laboratories SL28DB200 Datasheet HTML 6Page - Silicon Laboratories SL28DB200 Datasheet HTML 7Page - Silicon Laboratories SL28DB200 Datasheet HTML 8Page - Silicon Laboratories  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
SL28DB200
......................... Document #: 38-07722 Rev *C Page 8 of 8
Document History Page
Document Title: SL28DB200 PCI Express Gen2 and SATA Differential Buffer
Document #: 38-07722 Rev *C
REV.
ECR# Issue Date
Orig. of
Change
Description of Change
1.0
06/17/10
TRP
Initial Release
AA
09/27/10
TRP
Updated Dynamic Supply Current
The information in this document is believed to be accurate in all respects at the time of publication but is subject to change without notice. Sil-
icon Laboratories assumes no responsibility for errors and omissions, and disclaims responsibility for any consequences resulting from the use
of information included herein. Additionally, Silicon Laboratories assumes no responsibility for the functioning of undescribed features or
parameters. Silicon Laboratories reserves the right to make changes without further notice. Silicon Laboratories makes no warranty, represen-
tation or guarantee regarding the suitability of its products for any particular purpose, nor does Silicon Laboratories assume any liability arising
out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation consequential or
incidental damages. Silicon Laboratories products are not designed, intended, or authorized for use in applications intended to support or sus-
tain life, or for any other application in which the failure of the Silicon Laboratories product could create a situation where personal injury or
death may occur. Should Buyer purchase or use Silicon Laboratories products for any such unintended or unauthorized application, Buyer
shall indemnify and hold Silicon Laboratories harmless against all claims and damages.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com