Electronic Components Datasheet Search
  English  ▼

X  

SL28DB200 Datasheet(PDF) 1 Page - Silicon Laboratories

Part # SL28DB200
Description  100 MHz Differential Buffer for PCI Express and SATA
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SL28DB200 Datasheet(HTML) 1 Page - Silicon Laboratories

  SL28DB200 Datasheet HTML 1Page - Silicon Laboratories SL28DB200 Datasheet HTML 2Page - Silicon Laboratories SL28DB200 Datasheet HTML 3Page - Silicon Laboratories SL28DB200 Datasheet HTML 4Page - Silicon Laboratories SL28DB200 Datasheet HTML 5Page - Silicon Laboratories SL28DB200 Datasheet HTML 6Page - Silicon Laboratories SL28DB200 Datasheet HTML 7Page - Silicon Laboratories SL28DB200 Datasheet HTML 8Page - Silicon Laboratories  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
100 MHz Differential Buffer for PCI Express and SATA
SL28DB200
..........................Document #: 38-07722 Rev *C Page 1 of 8
400 West Cesar Chavez, Austin, TX 78701
1+(512) 416-8500
1+(512) 416-9669
www.silabs.com
Features
• Two differential 0.7V clock output pairs
• OE# input for enabling SRC outputs
• Individual OE controls
• Low CTC jitter (< 50 ps)
•Spread Aware
• 3.3V operation
• Industrial Temperature Grade -40oC to +85oC
• 16-pin TSSOP package
Functional Description
The SL28DB200 is a differential buffer capable of distributing
the Serial Reference Clock (SRC) for PCI Express Gen2 and
SATA implementations. The buffer enables the application
system to control the distribution of the SRC.
Applications
• Network/Media Attached Storage
• Routers/IP Gateways
• Multi-function Printers
Block Diagram
Pin Configuration
16 TSSOP


Similar Part No. - SL28DB200

ManufacturerPart #DatasheetDescription
logo
Galaxy Semi-Conductor H...
SL28 BILIN-SL28 Datasheet
64Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SL28 BILIN-SL28 Datasheet
599Kb / 4P
Schottky Barrier Rectifiers
Rev.B
logo
Silicon Laboratories
SL28504 SILABS-SL28504 Datasheet
246Kb / 31P
Clock Generator for Intel?잾aglelake Chipset
SL28504-2 SILABS-SL28504-2 Datasheet
410Kb / 28P
Clock Generator for Intel짰Eaglelake Chipset
SL28504BZC SILABS-SL28504BZC Datasheet
246Kb / 31P
Clock Generator for Intel?잾aglelake Chipset
More results

Similar Description - SL28DB200

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY28400 CYPRESS-CY28400 Datasheet
245Kb / 14P
100-MHz Differential Buffer for PCI Express and SATA
CY28401 CYPRESS-CY28401 Datasheet
235Kb / 14P
100-MHz Differential Buffer for PCI Express and SATA
logo
SpectraLinear Inc
CY28800 SPECTRALINEAR-CY28800 Datasheet
210Kb / 15P
100-MHz Differential Buffer for PCI Express and SATA
CY28400 SPECTRALINEAR-CY28400 Datasheet
163Kb / 12P
100 MHz Differential Buffer for PCI Express and SATA
CY28400-2 SPECTRALINEAR-CY28400-2 Datasheet
237Kb / 15P
100 MHz Differential Buffer for PCI Express and SATA
CY28401 SPECTRALINEAR-CY28401 Datasheet
180Kb / 13P
100 MHz Differential Buffer for PCI Express and SATA
logo
Cypress Semiconductor
CY28400-2 CYPRESS-CY28400-2 Datasheet
371Kb / 16P
100-MHz Differential Buffer for PCI Express and SATA
CY28400 CYPRESS-CY28400_05 Datasheet
220Kb / 13P
100-MHz Differential Buffer for PCI Express and SATA
CY28401 CYPRESS-CY28401_05 Datasheet
233Kb / 14P
100-MHz Differential Buffer for PCI Express and SATA
CY28800 CYPRESS-CY28800 Datasheet
328Kb / 16P
100-MHz Differential Buffer for PCI Express and SATA
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com