Electronic Components Datasheet Search
  English  ▼

X  

W134HT Datasheet(PDF) 10 Page - Silicon Laboratories

Part # W134HT
Description  Direct Rambus??Clock Generator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

W134HT Datasheet(HTML) 10 Page - Silicon Laboratories

Back Button W134HT Datasheet HTML 3Page - Silicon Laboratories W134HT Datasheet HTML 4Page - Silicon Laboratories W134HT Datasheet HTML 5Page - Silicon Laboratories W134HT Datasheet HTML 6Page - Silicon Laboratories W134HT Datasheet HTML 7Page - Silicon Laboratories W134HT Datasheet HTML 8Page - Silicon Laboratories W134HT Datasheet HTML 9Page - Silicon Laboratories W134HT Datasheet HTML 10Page - Silicon Laboratories W134HT Datasheet HTML 11Page - Silicon Laboratories  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
W134
...................... Document #: 38-07426 Rev. *C Page 10 of 11
Layout Example
21
20
19
18
17
15
14
13
6
7
1
2
4
5
G
VDDIR
G
VDDIPD
24
23
22
G
3
8
9
11
12
10
G
G
Internal Power Supply Plane
46
G
G
FB
+3.3V Supply
C4
10
F
0.005
F
G
G
C3
G
G
G
G
G
G
G
G
G
G
G
G = VIA to GND plane layer
FB = Dale ILB1206 - 300 (300
@ 100 MHz)
All Bypass cap = 0.1 Ceramic XR7
Ordering Information
Ordering Code
Package Type
W134H
24-pin QSOP (150 mils, SSOP)
W134HT
24-pin QSOP (150 mils, SSOP) – Tape and Reel
W134SH
24-pin QSOP (150 mils, SSOP)
W134SHT
24-pin QSOP (150 mils, SSOP) – Tape and Reel
Lead-free
CYW134MOXC
24-pin QSOP (150 mils, SSOP)
CYW134MOXCT
24-pin QSOP (150 mils, SSOP), Tape and Reel
CYW134SOXC
24-pin QSOP (150 mils, SSOP)
CYW134SOXCT
24-pin QSOP (150 mils, SSOP), Tape and Reel



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com