Electronic Components Datasheet Search
  English  ▼

X  

MCP718 Datasheet(PDF) 3 Page - Micro Commercial Components

Part # MCP718
Description  PNP Plastic-Encapsulate Transistors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

MCP718 Datasheet(HTML) 3 Page - Micro Commercial Components

  MCP718 Datasheet HTML 1Page - Micro Commercial Components MCP718 Datasheet HTML 2Page - Micro Commercial Components MCP718 Datasheet HTML 3Page - Micro Commercial Components MCP718 Datasheet HTML 4Page - Micro Commercial Components MCP718 Datasheet HTML 5Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Micro Commercial Components
M C C
R
Typical Characteristics
Revision: A
3 of 5
2016/08/17
www.mccsemi.com
-0.0
-0.7
-1.4
-0
-1
-2
-3
-4
-5
-6
-0
-1
-2
-3
-4
-5
-6
-0.00
-0.05
-0.10
-0.15
-0.20
-0.25
-0.30
-0.35
-0.01
-0.1
-1
0
100
200
300
400
500
600
-1E-3
-0.01
-0.1
-1
-0.2
-0.4
-0.6
-0.8
-1.0
-1.2
-1.4
-1E-3
-1E-3
-0.01
-0.1
-1
-0.01
-0.1
-1
-1E-3
-0.01
-0.1
-1
-0.01
-0.1
-1
BASE-EMITTER VOLTAGE
V
BE
(V)
T
a
=-45
oC
T
a
=100
oC
T
a
=25
oC
V
CE
=-2V
V
BE
——
I
C
COMMON
EMITTER
T
a
=25℃
-900uA
-810uA
-540uA
-720uA
-630uA
-450uA
-360uA
-270uA
-180uA
I
B
=-90uA
COLLECTOR-EMITTER VOLTAGE
V
CE
(V)
Static Characteristic
-6
T
a
=100
oC
T
a
=-45
oC
T
a
=25
oC
COLLECTOR CURRENT
I
C
(A)
I
C
V
CE
= -2V
h
FE
——
-6
COLLECTOR CURRENT
I
C
(A)
β=50
T
a
=-45℃
T
a
=25℃
T
a
=100℃
I
C
V
BEsat
——
T
a
=25℃
V
CEsat
——
I
C
COLLECTOR CURRENT
I
C
A)
(
β=100
β=50
β=10
-6
V
CEsat
——
I
C
COLLECTOR CURRENT
I
C
(mA)
β=50
T
a
=-45℃
T
a
=25℃
T
a
=100℃
- 6



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com