Electronic Components Datasheet Search
  English  ▼

X  

MCP718 Datasheet(PDF) 1 Page - Micro Commercial Components

Part # MCP718
Description  PNP Plastic-Encapsulate Transistors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

MCP718 Datasheet(HTML) 1 Page - Micro Commercial Components

  MCP718 Datasheet HTML 1Page - Micro Commercial Components MCP718 Datasheet HTML 2Page - Micro Commercial Components MCP718 Datasheet HTML 3Page - Micro Commercial Components MCP718 Datasheet HTML 4Page - Micro Commercial Components MCP718 Datasheet HTML 5Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
MCP718
PNP
Plastic-Encapsulate
Transistors
Features
•
Low Equivalent On Resistance
•
Low Staturation Voltage
Maximum Ratings @ 25OC Unless Otherwise Specified
Symbol
Rating
Rating
Unit
VCEO
Collector-Emitter Voltage
-20
V
VCBO
Collector-Base Voltage
-25
V
VEBO
Emitter-Base Voltage
-7.5
V
IC
Collector Current
-6
A
R©JA
Thermal Resistance Junction to Ambient
125
/W
TJ
Operating Junction Temperature
-55 to +150
TSTG
Storage Temperature
-55 to +150
DFN2020-3
 omponents
20736 Marilla
Street Chatsworth

 !"#
$%    !"#
Revision:
A
1 of 5
20
16/08/17
www.mccsemi.com
•
Lead Free Finish/RoHS Compliant ("P" Suffix designates
RoHS Compliant. See ordering information)
•
Epoxy meets UL 94 V-0 flammability rating
•
Moisure Sensitivity Level 1
•
Marking:
718
Halogen free available upon request by adding suffix "-HF"
•
Micro Commercial Components
M C C
R
A
0.700
0.900
0.028
0.035
A1
0.000
0.050
0.000
0.002
A3
D
1.924
2.076
0.076
0.082
E
D1
E1
0.780
0.980
0.031
0.039
k
1.220
1.420
0.048
0.056
b
e
0.180
0.280
0.007
0.011
L
0.324
0.476
0.013
0.019
0.008REF.
0.203REF.
0.650TYP.
0.026TYP.
0.200MIN.
0.008MIN.
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
D
1. BASE
2. EMITTER
3. COLLECTOR
PD
1
W
Power Dissipation
E
e
L
D1
A
k
E1
e
b
A1
A3
1.924
2 .076
0.076
0.082
1
2
3


Similar Part No. - MCP718

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP7150 MICROCHIP-MCP7150_16 Datasheet
329Kb / 28P
Motion Module
07/14/15
More results

Similar Description - MCP718

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MMDT3906V MCC-MMDT3906V_11 Datasheet
235Kb / 4P
PNP Plastic-Encapsulate Transistors
BC856BM MCC-BC856BM Datasheet
523Kb / 4P
PNP Plastic-Encapsulate Transistors
BCP69-16 MCC-BCP69-16 Datasheet
460Kb / 3P
PNP Plastic-Encapsulate Transistors
MC818B MCC-MC818B Datasheet
514Kb / 4P
PNP Plastic-Encapsulate Transistors
2SB1132-P MCC-2SB1132-P_17 Datasheet
542Kb / 4P
PNP Plastic-Encapsulate Transistors
logo
TECH PUBLIC Electronics...
MMDT2907A TECHPUBLIC-MMDT2907A Datasheet
1Mb / 4P
PNPPNP Plastic-Encapsulate Transistors
MMDT5401 TECHPUBLIC-MMDT5401 Datasheet
1Mb / 4P
PNPPNP Plastic-Encapsulate Transistors
TPMMDT2907A TECHPUBLIC-TPMMDT2907A Datasheet
1Mb / 4P
PNPPNP Plastic-Encapsulate Transistors
TPMMDT3906 TECHPUBLIC-TPMMDT3906 Datasheet
7Mb / 4P
PNPPNP Plastic-Encapsulate Transistors
TPMMDT5401 TECHPUBLIC-TPMMDT5401 Datasheet
1Mb / 4P
PNPPNP Plastic-Encapsulate Transistors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com