Electronic Components Datasheet Search
  English  ▼

X  

MCP718 Datasheet(PDF) 4 Page - Micro Commercial Components

Part # MCP718
Description  PNP Plastic-Encapsulate Transistors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

MCP718 Datasheet(HTML) 4 Page - Micro Commercial Components

  MCP718 Datasheet HTML 1Page - Micro Commercial Components MCP718 Datasheet HTML 2Page - Micro Commercial Components MCP718 Datasheet HTML 3Page - Micro Commercial Components MCP718 Datasheet HTML 4Page - Micro Commercial Components MCP718 Datasheet HTML 5Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Revision:
A
20
16/08/17
Micro Commercial Components
M C C
R
www.mccsemi.com
4 of 5
Typical Characteristics
-0
-100
0
50
100
150
200
250
300
-0.1
-1
-10
0
60
120
180
240
0
25
50
75
100
125
150
0.0
0.2
0.4
0.6
0.8
1.0
1.2
-50
COLLECTOR CURRENT
I
C
(mA)
V
CE
=-10V
T
a
=25
oC
I
C
f
T
——
REVERSE BIAS VOLTAGE
V
(V)
Cob
Cib
f=1MHz
IE=0 / IB=0
T
a
=25
oC
V
CB
/ V
EB
C
ob
/ C
ib
——
AMBIENT TEMPERATURE
T
a
(℃)
P
c
——
T
a



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com