Electronic Components Datasheet Search
  English  ▼

X  

MIC2213 Datasheet(PDF) 7 Page - Micrel Semiconductor

Part # MIC2213
Description  Sequenced Portable Power Management IC
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2213 Datasheet(HTML) 7 Page - Micrel Semiconductor

Back Button MIC2213 Datasheet HTML 3Page - Micrel Semiconductor MIC2213 Datasheet HTML 4Page - Micrel Semiconductor MIC2213 Datasheet HTML 5Page - Micrel Semiconductor MIC2213 Datasheet HTML 6Page - Micrel Semiconductor MIC2213 Datasheet HTML 7Page - Micrel Semiconductor MIC2213 Datasheet HTML 8Page - Micrel Semiconductor MIC2213 Datasheet HTML 9Page - Micrel Semiconductor MIC2213 Datasheet HTML 10Page - Micrel Semiconductor MIC2213 Datasheet HTML 11Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
July 2003
7
MIC2213
MIC2213
Micrel
2.580
2.585
2.590
2.595
2.600
2.605
2.610
0
25
50
75
100 125 150
OUTPUT 1 LOAD CURRENT (mA)
Output Voltage
vs. Load Current
2.820
2.825
2.830
2.835
2.840
2.845
2.850
2.855
2.860
2.865
2.870
0
50
100 150 200 250 300
OUTPUT 2 LOAD CURRENT (mA)
Output Voltage
vs. Load Current
0.00
0.20
0.40
0.60
0.80
1.00
1.20
2.25 2.75 3.25 3.75 4.25 4.75 5.25
SUPPLY VOLTAGE (V)
Switch Threshold
vs. Supply Voltage
Drive Current = 1mA
0.00
0.20
0.40
0.60
0.80
1.00
1.20
1.40
1.60
2.25 2.75 3.25 3.75 4.25 4.75 5.25
SUPPLY VOLTAGE (V)
Enable Voltage Threshold
vs. Supply Voltage
2.85
2.90
2.95
3.00
3.05
3.10
3.15
-40 -20 0 20 40 60 80 100120140
TEMPERATURE (
°C)
Output Voltage 1
vs. Temperature
100
µA load
2.65
2.70
2.75
2.80
2.85
2.90
2.95
-40 -20 0 20 40 60 80 100120140
TEMPERATURE (
°C)
Output Voltage 2
vs. Temperature
100
µA load
Typical Characteristics (cont.)
POR SETTING CAP (pF)
POR Delay
C
IN = 1µF
COUT = 1
µF
I
LOAD = 100
µA
110
100
1k
10k 100k 1M
1
10
100
1k
10k
100k
10M
1M



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com