Electronic Components Datasheet Search
  English  ▼

X  

MIC2213 Datasheet(PDF) 10 Page - Micrel Semiconductor

Part # MIC2213
Description  Sequenced Portable Power Management IC
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2213 Datasheet(HTML) 10 Page - Micrel Semiconductor

Back Button MIC2213 Datasheet HTML 3Page - Micrel Semiconductor MIC2213 Datasheet HTML 4Page - Micrel Semiconductor MIC2213 Datasheet HTML 5Page - Micrel Semiconductor MIC2213 Datasheet HTML 6Page - Micrel Semiconductor MIC2213 Datasheet HTML 7Page - Micrel Semiconductor MIC2213 Datasheet HTML 8Page - Micrel Semiconductor MIC2213 Datasheet HTML 9Page - Micrel Semiconductor MIC2213 Datasheet HTML 10Page - Micrel Semiconductor MIC2213 Datasheet HTML 11Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
MIC2213
Micrel
MIC2213
10
July 2003
Input Capacitor
Good bypassing is recommended from input to ground to
help improve AC performance. A 1
µF capacitor or greater
located close to the IC is recommended.
Bypass Capacitor
The internal reference voltage of the MIC2213 can be by-
passed with a capacitor to ground to reduce output noise and
increase power supply rejection (PSRR). A quick-start fea-
ture allows for quick turn-on of the output voltage regardless
of the size of the capacitor. The recommended nominal
bypass capacitor is 0.01
µF, but it can be increased without
limit.
Output Capacitor
Each regulator output requires a 1
µF ceramic output capaci-
tor for stability. The output capacitor value can be increased
to improve transient response, but performance has been
optimized for a 1
µF ceramic type output capacitor.
X7R/X5R dielectric-type ceramic capacitors are recom-
mended because of their temperature performance. X7R-
type capacitors change capacitance by 15% over their oper-
ating temperature range and are the most stable type of
ceramic capacitors. Z5U and Y5V dielectric capacitors change
value by as much as 50% and 60% respectively over their
operating temperature ranges. To use a ceramic chip capaci-
tor with Y5V dielectric, the value must be much higher than a
X7R ceramic capacitor to ensure the same minimum capaci-
tance over the equivalent operating temperature range.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com