Electronic Components Datasheet Search
  English  ▼

X  

MIC2213 Datasheet(PDF) 8 Page - Micrel Semiconductor

Part # MIC2213
Description  Sequenced Portable Power Management IC
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2213 Datasheet(HTML) 8 Page - Micrel Semiconductor

Back Button MIC2213 Datasheet HTML 3Page - Micrel Semiconductor MIC2213 Datasheet HTML 4Page - Micrel Semiconductor MIC2213 Datasheet HTML 5Page - Micrel Semiconductor MIC2213 Datasheet HTML 6Page - Micrel Semiconductor MIC2213 Datasheet HTML 7Page - Micrel Semiconductor MIC2213 Datasheet HTML 8Page - Micrel Semiconductor MIC2213 Datasheet HTML 9Page - Micrel Semiconductor MIC2213 Datasheet HTML 10Page - Micrel Semiconductor MIC2213 Datasheet HTML 11Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
MIC2213
Micrel
MIC2213
8
July 2003
Enable Characteristics
Time (100
µs/div)
C
IN = 1µF
C
OUT = 1µF Ceramic
C
BYP = 0.01µF
V
IN = 5V
Power-On Reset Characteristics
Time (400
µs/div)
C
IN = 1µF
C
OUT = 1µF Ceramic
C
SET = 0.01µF
C
BYP = 0.01µF
V
IN = 5V
Load Transient Response (LDO 2)
Time (4
µs/div)
C
IN = 1µF
C
OUT = 1µF
C
BYP = 0.01µF
V
IN = VOUT+1V
300mA
100
µA
Load Transient Response (LDO 1)
Time (4
µs/div)
C
IN = 1µF
C
OUT = 1µF
C
BYP = 0.01µF
V
IN = VOUT+1V
150mA
100
µA
Functional Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com