Electronic Components Datasheet Search
  English  ▼

X  

AD664 Datasheet(PDF) 7 Page - Analog Devices

Part # AD664
Description  Monolithic 12-Bit Quad DAC
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD664 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD664 Datasheet HTML 3Page - Analog Devices AD664 Datasheet HTML 4Page - Analog Devices AD664 Datasheet HTML 5Page - Analog Devices AD664 Datasheet HTML 6Page - Analog Devices AD664 Datasheet HTML 7Page - Analog Devices AD664 Datasheet HTML 8Page - Analog Devices AD664 Datasheet HTML 9Page - Analog Devices AD664 Datasheet HTML 10Page - Analog Devices AD664 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
AD664
REV.
–6–
ANALOG CIRCUIT CONSIDERATIONS
Grounding Recommendations
The AD664 has two pins, designated ANALOG and DIGITAL
ground. The analog ground pin is the “high quality” ground ref-
erence point for the device. A unique internal design has
resulted in low analog ground current. This greatly simplifies
management of ground current and the associated induced volt-
age drops. The analog ground pin should be connected to the
analog ground point in the system. The external reference and
any external loads should also be returned to analog ground.
The digital ground pin should be connected to the digital
ground point in the circuit. This pin returns current from the
logic portions of the AD664 circuitry to ground.
Analog and digital grounds should be connected at one point in
the system. If there is a possibility that this connection be bro-
ken or otherwise disconnected, then two diodes should be con-
nected between the analog and digital ground pins of the
AD664 to limit the maximum ground voltage difference.
Power Supplies and Decoupling
The AD664 requires three power supplies for proper operation.
VLL powers the logic portions of the device and requires
+5 volts. VCC and VEE power the remaining portions of the cir-
cuitry and require +12 V to +15 V and –12 V to –15 V, respec-
tively. VCC and VEE must also be a minimum of two volts greater
then the maximum reference and output voltages anticipated.
Decoupling capacitors should be used on all power supply pins.
Good engineering practice dictates that the bypass capacitors be
located as near as possible to the package pins. VLL should be
bypassed to digital ground. VCC and VEE should be decoupled to
analog ground.
Driving the Reference Input
The reference input of the AD664 can have an impedance as
low as 1.3 k
Ω. Therefore, the external reference voltage must be
able to source up to 7.7 mA of load current. Suitable choices
include the 5 V AD586, the 10 V AD587 and the 8.192 V
AD689.
The architecture of the AD664 derives an inverted version of
the reference voltage for some portions of the internal circuitry.
This means that the power supplies must be at least 2 V
Figure 2. Recommended Circuit Schematic
greater than both the external reference and the inverted exter-
nal reference.
Output Considerations
Each DAC output can source or sink 5 mA of current to an
external load. Short-circuit protection limits load current to a
maximum load current of 40 mA. Load capacitance of up to
500 pF can be accommodated with no effect on stability.
Should an application require additional output current, a cur-
rent boosting element can be inserted into the output loop with
no sacrifice in accuracy. Figure 3 details this method.
Figure 3. Current-Boosting Scheme
AD664 output voltage settling time is 10
µs maximum. Figure 4
shows the output voltage settling time with a fixed 10 V refer-
ence, gain = 1 and all bits switched from 1 to 0.
Figure 4. Settling Time; All Bits Switched from On to Off
Alternately, Figure 5 shows the settling characteristics when the
reference is switched and the input bits remain fixed. In this
case, all bits are “on,” the gain is 1 and the reference is switched
from –5 V to +5 V.
Figure 5. Settling Time; Input Bits Fixed, Reference
Switched
D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com