Electronic Components Datasheet Search
  English  ▼

X  

AD664 Datasheet(PDF) 23 Page - Analog Devices

Part # AD664
Description  Monolithic 12-Bit Quad DAC
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD664 Datasheet(HTML) 23 Page - Analog Devices

Back Button AD664 Datasheet HTML 16Page - Analog Devices AD664 Datasheet HTML 17Page - Analog Devices AD664 Datasheet HTML 18Page - Analog Devices AD664 Datasheet HTML 19Page - Analog Devices AD664 Datasheet HTML 20Page - Analog Devices AD664 Datasheet HTML 21Page - Analog Devices AD664 Datasheet HTML 22Page - Analog Devices AD664 Datasheet HTML 23Page - Analog Devices AD664 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 23 / 24 page
background image
AD664
–22–
REV. D
Figure 35. 44-Lead Plastic Leaded Chip Carrier [PLCC]
(P-44)
Dimensions shown in inches and (millimeters)
ORDERING GUIDE
Model1
Temperature Range
Package Description
Package Option
5962-8871901MXA
−55°C to +125°C
28-Lead Side-Brazed SBDIP
D-28-2
5962-8871902MXA
−55°C to +125°C
28-Lead Side-Brazed SBDIP
D-28-2
5962-8871903MYA
−55°C to +125°C
44-Lead LCC
E-44-1
AD664AD-BIP
−40°C to +85°C
28-Lead Side-Brazed SBDIP
D-28-2
AD664AD-UNI
−40°C to +85°C
28-Lead Side-Brazed SBDIP
D-28-2
AD664AJ
−40°C to +85°C
44-Lead JLCC
J-44
AD664BD-BIP
−40°C to +85°C
28-Lead Side-Brazed SBDIP
D-28-2
AD664BD-UNI
−40°C to +85°C
28-Lead Side-Brazed SBDIP
D-28-2
AD664BE
−40°C to +85°C
44-Lead LCC
E-44-1
AD664BJ
−40°C to +85°C
44-Lead JLCC
J-44
AD664JN-BIP
0°C to +70°C
28-Lead PDIP
N-28-2
AD664JN-UNI
0°C to +70°C
28-Lead PDIP
N-28-2
AD664JNZ-BIP
0°C to +70°C
28-Lead PDIP
N-28-2
AD664JNZ-UNI
0°C to +70°C
28-Lead PDIP
N-28-2
AD664JP
0°C to +70°C
44-Lead PLCC
P-44
AD664JPZ
0°C to +70°C
44-Lead PLCC
P-44
AD664KN-BIP
0°C to +70°C
28-Lead PDIP
N-28-2
AD664KNZ-BIP
0°C to +70°C
28-Lead PDIP
N-28-2
AD664KNZ-UNI
0°C to +70°C
28-Lead PDIP
N-28-2
AD664KP
0°C to +70°C
44-Lead PLCC
P-44
AD664KPZ
0°C to +70°C
44-Lead PLCC
P-44
AD664SD-BIP
−55°C to +125°C
28-Lead Side-Brazed SBDIP
D-28-2
AD664SD-BIP/883B
−55°C to +125°C
28-Lead Side-Brazed SBDIP
D-28-2
AD664SD-UNI
−55°C to +125°C
28-Lead Side-Brazed SBDIP
D-28-2
AD664SD-UNI/883B
−55°C to +125°C
28-Lead Side-Brazed SBDIP
D-28-2
AD664TD-BIP
−55°C to +125°C
28-Lead Side-Brazed SBDIP
D-28-2
AD664TD-BIP/883B
−55°C to +125°C
28-Lead Side-Brazed SBDIP
D-28-2
AD664TD-UNI/883B
−55°C to +125°C
28-Lead Side-Brazed SBDIP
D-28-2
AD664TE/883B
−55°C to +125°C
44-Lead LCC
E-44-1
AD664TJ/883B
−55°C to +125°C
44-Lead JLCC
J-44
1 Z = RoHS Compliant Part.
COMPLIANT TO JEDEC STANDARDS MO-047-AC
CONTROLLING DIMENSIONS ARE IN INCHES; MILLIMETER DIMENSIONS
(IN PARENTHESES) ARE ROUNDED-OFF INCH EQUIVALENTS FOR
REFERENCE ONLY AND ARE NOT APPROPRIATE FOR USE IN DESIGN.
BOTTOM VIEW
(PINS UP)
6
7
40
39
17
18
29
28
TOP VIEW
(PINS DOWN)
0.656 (16.66)
0.650 (16.51)
SQ
0.048 (1.22)
0.042 (1.07)
0.050
(1.27)
BSC
0.695 (17.65)
0.685 (17.40)
SQ
0.048 (1.22)
0.042 (1.07)
0.021 (0.53)
0.013 (0.33)
0.630 (16.00)
0.590 (14.99)
0.032 (0.81)
0.026 (0.66)
0.180 (4.57)
0.165 (4.19)
0.056 (1.42)
0.042 (1.07)
0.020 (0.51)
MIN
0.120 (3.05)
0.090 (2.29)
0.045 (1.14)
0.025 (0.64)
R
PIN 1
IDENTIFIER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com