Electronic Components Datasheet Search
  English  ▼

X  

AD664 Datasheet(PDF) 17 Page - Analog Devices

Part # AD664
Description  Monolithic 12-Bit Quad DAC
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD664 Datasheet(HTML) 17 Page - Analog Devices

Back Button AD664 Datasheet HTML 13Page - Analog Devices AD664 Datasheet HTML 14Page - Analog Devices AD664 Datasheet HTML 15Page - Analog Devices AD664 Datasheet HTML 16Page - Analog Devices AD664 Datasheet HTML 17Page - Analog Devices AD664 Datasheet HTML 18Page - Analog Devices AD664 Datasheet HTML 19Page - Analog Devices AD664 Datasheet HTML 20Page - Analog Devices AD664 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
AD664
REV.
–16–
Table III details the memory locations and addresses used by this interface.
Table III. IBM PC Memory Map
HEX
A9
A8
A7
A6
A5
A4
A3
A2
A1
A0
REGISTER SELECTED
300
1100000
0
0
0
Illegal Address
301
0
0
1
Mode Select, 1st Rank
302
0
1
0
Illegal Address
303
0
1
1
Mode Select, 1st Rank
304
1
0
0
Illegal Address
305
1
0
1
Mode Select, 1st Rank
306
1
1
0
Illegal Address
307
w
1
1
1
Mode Select, 1st Rank
308
1
0
0
0
Mode Select, 2nd Rank
309
0
0
1
30A
0
1
0
30B
0
1
1
30C
1
0
0
30D
1
0
1
30E
1
1
0
30F
ww
11
1
w
310
1
0
0
0
0
DAC A, 4 LSBs, 1st Rank
311
0
0
1
DAC A, 8 MSBs, 1st Rank
312
0
1
0
DAC B, 4 LSBs, 1st Rank
313
0
1
1
DAC B, 8 MSBs, 1st Rank
314
1
0
0
DAC C, 4 LSBs, 1st Rank
315
1
0
1
DAC C, 8 MSBs, 1st Rank
316
1
1
0
DAC D, 4 LSBs, 1st Rank
317
w
1
1
1
DAC D, 8 MSBs, 1st Rank
318
1
0
0
0
2nd Rank
319
0
0
1
31A
0
1
0
31B
0
1
1
31C
1
0
0
31D
1
0
1
31E
1
1
0
31F
wwwwwww
11
1
w
Note: Shaded registers are readable.
D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com