Electronic Components Datasheet Search
  English  ▼

X  

PCI6620 Datasheet(PDF) 16 Page - Texas Instruments

Part # PCI6620
Description  DUAL SOCKET CARDBUS AND SMART CARD CONTROLLER WITH DEDICATED SD/MS-PRO SOCKETS
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI6620 Datasheet(HTML) 16 Page - Texas Instruments

Back Button PCI6620 Datasheet HTML 12Page - Texas Instruments PCI6620 Datasheet HTML 13Page - Texas Instruments PCI6620 Datasheet HTML 14Page - Texas Instruments PCI6620 Datasheet HTML 15Page - Texas Instruments PCI6620 Datasheet HTML 16Page - Texas Instruments PCI6620 Datasheet HTML 17Page - Texas Instruments PCI6620 Datasheet HTML 18Page - Texas Instruments PCI6620 Datasheet HTML 19Page - Texas Instruments PCI6620 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 160 page
background image
1–4
1.5
Terms and Definitions
Terms and definitions used in this document are given in Table 1–1.
Table 1–1. Terms and Definitions
TERM
DEFINITIONS
AT
AT (advanced technology, as in PC AT) attachment interface
ATA driver
An existing host software component that loads when any flash media adapter and card is inserted into a PC Card
socket. This driver is logically attached to a predefined CIS provided by the PCI6x20 device when the adapter and
media are both inserted.
CIS
Card information structure. Tuple list defined by the PC Card standard to communicate card information to the host
computer
CSR
Control and status register
Flash Media
Memory Stick, MMC, or SD/MMC Flash operating in an ATA compatible mode
ISO/IEC 7816
The Smart Card standard
Memory Stick
A small-form-factor flash interface that is defined, promoted, and licensed by Sony
MMC
MultiMediaCard. Specified by the MMC Association, and scope is encompassed by the SD Flash specification.
PCMCIA
Personal Computer Memory Card International Association. Standards body that governs the PC Card standards
RSVD
Reserved for future use
SD Flash
Secure Digital Flash. Standard governed by the SD Association
Smart Card
The name applied to ID cards containing integrated circuits, as defined by ISO/IEC 7816-1
SPI
Serial peripheral interface, a general-purpose synchronous serial interface. For more information, see the
Multimedia Card System Specification, version 3.2.
TI Smart Card driver
A qualified software component provided by Texas Instruments that loads when an UltraMedia-based Smart Card
adapter is inserted into a PC Card slot. This driver is logically attached to a CIS provided by the PCI6620 when the
adapter and media are both inserted.
UltraMedia
De facto industry standard promoted by Texas Instruments that integrates CardBus, Smart Card, Memory Stick,
and MultiMediaCard/Secure Digital functionality into one controller.
1.6
Ordering Information
ORDERING NUMBER
NAME
VOLTAGE
PACKAGE
PCI6620
Dual Socket CardBus and Smart Card Controller with
Dedicated SD/MS-Pro Sockets
3.3-V, 5-V tolerant I/Os
288-ball PBGA (GHK/ZHK)
PCI6420
Dual Socket CardBus Controller with Dedicated
SD/MS-Pro Sockets
3.3-V, 5-V tolerant I/Os
288-ball PBGA (GHK/ZHK)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com