Electronic Components Datasheet Search
  English  ▼

X  

PIC16F767 Datasheet(PDF) 169 Page - Microchip Technology

Part # PIC16F767
Description  28/40/44-Pin, 8-Bit CMOS Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
PDF  276 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F767 Datasheet(HTML) 169 Page - Microchip Technology

Back Button PIC16F767 Datasheet HTML 165Page - Microchip Technology PIC16F767 Datasheet HTML 166Page - Microchip Technology PIC16F767 Datasheet HTML 167Page - Microchip Technology PIC16F767 Datasheet HTML 168Page - Microchip Technology PIC16F767 Datasheet HTML 169Page - Microchip Technology PIC16F767 Datasheet HTML 170Page - Microchip Technology PIC16F767 Datasheet HTML 171Page - Microchip Technology PIC16F767 Datasheet HTML 172Page - Microchip Technology PIC16F767 Datasheet HTML 173Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 169 / 276 page
background image
 2004 Microchip Technology Inc.
DS30498C-page 167
PIC16F7X7
14.0
COMPARATOR VOLTAGE
REFERENCE MODULE
The comparator voltage reference generator is a 16-tap
resistor ladder network that provides a fixed voltage
reference when the comparators are in mode ‘110’. A
programmable register controls the function of the
reference generator. Register 14-1 lists the bit functions
of the CVRCON register.
As shown in Figure 14-1, the resistor ladder is seg-
mented to provide two ranges of CVREF values and has
a power-down function to conserve power when the
reference is not being used. The comparator reference
supply voltage (also referred to as CVRSRC) comes
directly from VDD. It should be noted, however, that the
voltage at the top of the ladder is CVRSRC – VSAT,
where VSAT is the saturation voltage of the power
switch transistor. This reference will only be as
accurate as the values of CVRSRC and VSAT.
The output of the reference generator may be
connected to the RA2/AN2/VREF-/CVREF pin. This can
be used as a simple D/A function by the user if a very
high-impedance load is used. The primary purpose of
this function is to provide a test path for testing the
reference generator function.
REGISTER 14-1:
CVRCON: COMPARATOR VOLTAGE REFERENCE CONTROL REGISTER
(ADDRESS 9Dh)
R/W-0
R/W-0
R/W-0
U-0
R/W-0
R/W-0
R/W-0
R/W-0
CVREN
CVROE
CVRR
—
CVR3
CVR2
CVR1
CVR0
bit 7
bit 0
bit 7
CVREN: Comparator Voltage Reference Enable bit
1
= CVREF circuit powered on
0
= CVREF circuit powered down
bit 6
CVROE: Comparator VREF Output Enable bit
1
= CVREF voltage level is output on RA2/AN2/VREF-/CVREF pin
0
= CVREF voltage level is disconnected from RA2/AN2/VREF-/CVREF pin
bit 5
CVRR: Comparator VREF Range Selection bit
1
= 0 to 0.625 CVRSRC, with CVRSRC/24 step size
0
= 0.25 CVRSRC to 0.72 CVRSRC, with CVRSRC/32 step size
bit 4
Unimplemented: Read as ‘0’
bit 3-0
CVR3:CVR0: Comparator VREF Value Selection bits 0
≤ CVR3:CVR0 ≤ 15
When CVRR = 1:
CVREF = (CVR<3:0>/24)
• (CVRSRC)
When CVRR = 0:
CVREF = 1/4
• (CVRSRC) + (CVR3:CVR0/32) • (CVRSRC)
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com