Electronic Components Datasheet Search
  English  ▼

X  

PIC16F767 Datasheet(PDF) 172 Page - Microchip Technology

Part # PIC16F767
Description  28/40/44-Pin, 8-Bit CMOS Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
PDF  276 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F767 Datasheet(HTML) 172 Page - Microchip Technology

Back Button PIC16F767 Datasheet HTML 168Page - Microchip Technology PIC16F767 Datasheet HTML 169Page - Microchip Technology PIC16F767 Datasheet HTML 170Page - Microchip Technology PIC16F767 Datasheet HTML 171Page - Microchip Technology PIC16F767 Datasheet HTML 172Page - Microchip Technology PIC16F767 Datasheet HTML 173Page - Microchip Technology PIC16F767 Datasheet HTML 174Page - Microchip Technology PIC16F767 Datasheet HTML 175Page - Microchip Technology PIC16F767 Datasheet HTML 176Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 172 / 276 page
background image
PIC16F7X7
DS30498C-page 170
 2004 Microchip Technology Inc.
REGISTER 15-1:
CONFIGURATION WORD REGISTER 1 (ADDRESS 2007h)
R/P-1
R/P-1
R/P-1
U-1
U-1
R/P-1
R/P-1
R/P-1
R/P-1
R/P-1
R/P-1
R/P-1
R/P-1
R/P-1
CP
CCPMX DEBUG
—
—
BORV1 BORV0 BOREN MCLRE FOSC2 PWRTEN WDTEN FOSC1 FOSC0
bit 13
bit 0
bit 13
CP: Flash Program Memory Code Protection bits
1
= Code protection off
0
= 0000h to 1FFFh code-protected for PIC16F767/777 and 0000h to 0FFFh for PIC16F737/747 (all protected)
bit 12
CCPMX: CCP2 Multiplex bit
1
= CCP2 is on RC1
0
= CCP2 is on RB3
bit 11
DEBUG: In-Circuit Debugger Mode bit
1
= In-Circuit Debugger disabled, RB6 and RB7 are general purpose I/O pins
0
= In-Circuit Debugger enabled, RB6 and RB7 are dedicated to the debugger
bit 10-9 Unimplemented: Read as ‘1’
bit 8-7
BORV<1:0>: Brown-out Reset Voltage bits
11
= VBOR set to 2.0V
10
= VBOR set to 2.7V
01
= VBOR set to 4.2V
00
= VBOR set to 4.5V
bit 6
BOREN: Brown-out Reset Enable bit
BOREN combines with BORSEN to control when BOR is enabled and how it is controlled.
BOREN:BORSEN:
11
= BOR enabled and always on
10
= BOR enabled during operation and disabled during Sleep by hardware
01
= BOR controlled by software bit SBOREN – refer to Register 2-8 (PCON<2>)
00
= BOR disabled
bit 5
MCLRE: MCLR/VPP/RE3 Pin Function Select bit
1
= MCLR/VPP/RE3 pin function is MCLR
0
= MCLR/VPP/RE3 pin function is digital input only, MCLR gated to ‘1’
bit 3
PWRTEN: Power-up Timer Enable bit
1
= PWRT disabled
0
= PWRT enabled
bit 2
WDTEN: Watchdog Timer Enable bit
1
= WDT enabled
0
= WDT disabled
bit 4, 1-0 FOSC2:FOSC0: Oscillator Selection bits
111
= EXTRC oscillator; CLKO function on OSC2/CLKO/RA6
110
= EXTRC oscillator; port I/O function on OSC2/CLKO/RA6
101
= INTRC oscillator; CLKO function on OSC2/CLKO/RA6 and port I/O function on OSC1/CLKI/RA7
100
= INTRC oscillator; port I/O function on OSC1/CLKI/RA7 and OSC2/CLKO/RA6
011
= EXTCLK; port I/O function on OSC2/CLKO/RA6
010
= HS oscillator
001
= XT oscillator
000
= LP oscillator
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com