Electronic Components Datasheet Search
  English  ▼

X  

PIC16F767 Datasheet(PDF) 175 Page - Microchip Technology

Part # PIC16F767
Description  28/40/44-Pin, 8-Bit CMOS Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
PDF  276 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F767 Datasheet(HTML) 175 Page - Microchip Technology

Back Button PIC16F767 Datasheet HTML 171Page - Microchip Technology PIC16F767 Datasheet HTML 172Page - Microchip Technology PIC16F767 Datasheet HTML 173Page - Microchip Technology PIC16F767 Datasheet HTML 174Page - Microchip Technology PIC16F767 Datasheet HTML 175Page - Microchip Technology PIC16F767 Datasheet HTML 176Page - Microchip Technology PIC16F767 Datasheet HTML 177Page - Microchip Technology PIC16F767 Datasheet HTML 178Page - Microchip Technology PIC16F767 Datasheet HTML 179Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 175 / 276 page
background image
 2004 Microchip Technology Inc.
DS30498C-page 173
PIC16F7X7
15.3
MCLR
PIC16F7X7 devices have a noise filter in the MCLR
Reset path. This filter will detect and ignore small
pulses.
It should be noted that a WDT Reset does not drive
MCLR pin low.
The behavior of the ESD protection on the MCLR pin
has been altered from previous devices of this family.
Voltages applied to the pin that exceed its specification
can result in both MCLR and excessive current, beyond
the device specification, during the ESD event. For this
reason, Microchip recommends that the MCLR pin no
longer be tied directly to VDD. The use of an
RC network, as shown in Figure 15-2, is suggested.
The MCLR/VPP/RE3 pin can be configured for MCLR
(default) or as an input pin (RE3). This is configured
through
the
MCLRE
bit
in
Configuration Word
Register 1.
FIGURE 15-2:
RECOMMENDED MCLR
CIRCUIT
15.4
Power-on Reset (POR)
A Power-on Reset pulse is generated on-chip when
VDD rise is detected (in the range of 1.2V-1.7V). To take
advantage of the POR, tie the MCLR pin to VDD as
described in Section 15.3 “MCLR”. A maximum rise
time for VDD is specified. See Section 18.0 “Electrical
Characteristics” for details.
When the device starts normal operation (exits the
Reset condition), device operating parameters (volt-
age, frequency, temperature, ...) must be met to ensure
operation. If these conditions are not met, the device
must be held in Reset until the operating conditions are
met. For more information, see Application Note
AN607 “Power-up Trouble Shooting” (DS00607).
15.5
Power-up Timer (PWRT)
The Power-up Timer (PWRT) of the PIC16F7X7 is a
counter that uses the INTRC oscillator as the clock
input. This yields a count of 72 ms. While the PWRT is
counting, the device is held in Reset.
The power-up time delay depends on the INTRC and
will vary from chip-to-chip due to temperature and
process variation. See DC parameter #33 for details.
The PWRT is enabled by clearing configuration bit
PWRTEN.
15.6
Oscillator Start-up Timer (OST)
The Oscillator Start-up Timer (OST) provides a 1024
oscillator cycle (from OSC1 input) delay after the
PWRT delay is over (if enabled). This helps to ensure
that the crystal oscillator or resonator has started and
stabilized.
The OST time-out is invoked only for XT, LP and HS
modes and only on Power-on Reset or wake-up from
Sleep.
15.7
Brown-out Reset (BOR)
Three configuration bits (BOREN – Configuration Word
Register 1, bit 6; BORSEN – Configuration Word
Register 2, bit 6; SBOREN – PCON register, bit 2)
together disable or enable the Brown-out Reset circuit
in one of its three operating modes.
If VDD falls below VBOR (defined by BORV<1:0> bits in
Configuration Word Register 1) for longer than TBOR
(parameter #35, about 100
µs), the brown-out situation
will reset the device. If VDD falls below VBOR for less
than TBOR, a Reset may not occur.
Once the brown-out occurs, the device will remain in
Brown-out Reset until VDD rises above VBOR. The
Power-up Timer (if enabled) will keep the device in
Reset for TPWRT (parameter #33, about 72 ms). If VDD
should fall below VBOR during TPWRT, the Brown-out
Reset process will restart when VDD rises above VBOR
with the Power-up Timer Reset. Unlike previous PIC16
devices, the PWRT is no longer automatically enabled
when the Brown-out Reset circuit is enabled. The
PWRTEN
and
BOREN
configuration
bits
are
independent of each other.
C1
0.1
µF
R1
1 k
Ω (or greater)
(optional, not critical)
VDD
MCLR
PIC16F7X7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com