Electronic Components Datasheet Search
  English  ▼

X  

PIC16F767 Datasheet(PDF) 173 Page - Microchip Technology

Part # PIC16F767
Description  28/40/44-Pin, 8-Bit CMOS Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
PDF  276 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F767 Datasheet(HTML) 173 Page - Microchip Technology

Back Button PIC16F767 Datasheet HTML 169Page - Microchip Technology PIC16F767 Datasheet HTML 170Page - Microchip Technology PIC16F767 Datasheet HTML 171Page - Microchip Technology PIC16F767 Datasheet HTML 172Page - Microchip Technology PIC16F767 Datasheet HTML 173Page - Microchip Technology PIC16F767 Datasheet HTML 174Page - Microchip Technology PIC16F767 Datasheet HTML 175Page - Microchip Technology PIC16F767 Datasheet HTML 176Page - Microchip Technology PIC16F767 Datasheet HTML 177Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 173 / 276 page
background image
 2004 Microchip Technology Inc.
DS30498C-page 171
PIC16F7X7
REGISTER 15-2:
CONFIGURATION WORD REGISTER 2 (ADDRESS 2008h)
U-1
U-1
U-1
U-1
U-1
U-1
U-1
R/P-1
U-1
U-1
U-1
U-1
R/P-1
R/P-1
—
—
—
—
—
—
—
BORSEN
—
—
—
—
IESO FCMEN
bit 13
bit 0
bit 13-7 Unimplemented: Read as ‘1’
bit 6
BORSEN: Brown-out Reset Software Enable bit
Refer to Configuration Word Register 1, bit 6 for the function of this bit.
bit 5-2
Unimplemented: Read as ‘1’
bit 1
IESO: Internal External Switchover bit
1
= Internal External Switchover mode enabled
0
= Internal External Switchover mode disabled
bit 0
FCMEN: Fail-Safe Clock Monitor Enable bit
1
= Fail-Safe Clock Monitor enabled
0
= Fail-Safe Clock Monitor disabled
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com