Electronic Components Datasheet Search
  English  ▼

X  

CYRF9935 Datasheet(PDF) 39 Page - Cypress Semiconductor

Part # CYRF9935
Description  WirelessUSB??NX 2.4 GHz Low Power Radio
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYRF9935 Datasheet(HTML) 39 Page - Cypress Semiconductor

Back Button CYRF9935 Datasheet HTML 35Page - Cypress Semiconductor CYRF9935 Datasheet HTML 36Page - Cypress Semiconductor CYRF9935 Datasheet HTML 37Page - Cypress Semiconductor CYRF9935 Datasheet HTML 38Page - Cypress Semiconductor CYRF9935 Datasheet HTML 39Page - Cypress Semiconductor CYRF9935 Datasheet HTML 40Page - Cypress Semiconductor CYRF9935 Datasheet HTML 41Page - Cypress Semiconductor CYRF9935 Datasheet HTML 42Page - Cypress Semiconductor CYRF9935 Datasheet HTML 43Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 47 page
background image
CYRF9935
Document Number: 001-88748 Rev. *G
Page 39 of 47
Ordering Information
Ordering Code Definitions
Ordering Code
Package
Temperature Range
Comments
CYRF9935-24LQXC
24-pin (4 × 4 × 0.55 mm) Sawn QFN
Commercial
This part is not recommended
for new designs (NRND)
Temperature Range:
C = Commercial
Pb-free
Package Type:
LQ = 24-pin QFN (Sawn Type)
No of pins in package / KGD Level:
24 = 24 pins
Part Number
Marketing Code: RF = Wireless (radio frequency) product line
Company ID: CY = Cypress
CY
9935 - 24
RF
C
LQ
X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com