Electronic Components Datasheet Search
  English  ▼

X  

CYRF9935 Datasheet(PDF) 13 Page - Cypress Semiconductor

Part # CYRF9935
Description  WirelessUSB??NX 2.4 GHz Low Power Radio
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYRF9935 Datasheet(HTML) 13 Page - Cypress Semiconductor

Back Button CYRF9935 Datasheet HTML 9Page - Cypress Semiconductor CYRF9935 Datasheet HTML 10Page - Cypress Semiconductor CYRF9935 Datasheet HTML 11Page - Cypress Semiconductor CYRF9935 Datasheet HTML 12Page - Cypress Semiconductor CYRF9935 Datasheet HTML 13Page - Cypress Semiconductor CYRF9935 Datasheet HTML 14Page - Cypress Semiconductor CYRF9935 Datasheet HTML 15Page - Cypress Semiconductor CYRF9935 Datasheet HTML 16Page - Cypress Semiconductor CYRF9935 Datasheet HTML 17Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 47 page
background image
CYRF9935
Document Number: 001-88748 Rev. *G
Page 13 of 47
Packet Control Word
Packet Control Word is a 10 bit field which is automatically attached to the transmitting packet and removed from the received packet
by the radio’s baseband engine.
Payload Length
Payload length is a 6 bit field which is attached if DPL is 1 (refer Register Sets on page 26). It represents the payload length for the
data packet. A value of 000000 means 0 byte data payload is carried while a value of 000001 means 1 bytes data payload are carried
and so on (values in excess of 100000 are not valid).
PID
The PID is a 3-bit value that ranges from 1~7 and is incremented by 1 for every new packet. For every packet received, if the PID is
same as last packet and computed CRC is not same as the previous packet, it is assumed a new packet is received. If both the PID
and CRC for the received packet is same as the previous packet then the current packet is assumed to be a re-transmission of the
previous packet. PID is always 0 for Auto-ACK packet.
NOACK
The NOACK is a 1 bit field which is inserted to the transmitted packet if DPL is enabled (refer Register Sets on page 26). If NOACK
is set to 0 then an ACK packet will be exchanged between the receiver and the transmitter, if an error free payload packet was
transmitted. For an Auto-ACK packet or broadcast packet the NOACK is set to 1.
Data Payload
Length is programmable 0 to 32 bytes.
CRC
CRC is an error detection mechanism provided to validate the data correctness of a received packet. CRC length is programmable
to be either 1 or 2 bytes long. The CRC value is calculated over the packet control word and payload. The CRC is automatically
calculated and appended to the transmitted packet. On the receiver side the CRC is removed from the received packet by the
baseband engine. The received packet will be ignored if CRC mismatch happens. The number of bytes in CRC field is set by CRCLNG
bit in direct register 0x03 (refer to Register Sets on page 26).
The polynomial for 1 byte CRC is X8 + X2 + X + 1, with an initial value of 0xFF.
The polynomial for 2 byte CRC is X16 + X12 + X5 + 1, with an initial value of 0xFFFF.
Broadcast Address
CYRF9935 can transmit and receive broadcast packets. The bit-field BCEN must be set to enable the function for a RXer. To transmit
a broadcast packet, W_TX_PAYLOAD SPI command is used and the TX Pipe Number in the command is set with 0 to indicate this
is a broadcast packet. You can use R_RX_PAYLOAD SPI command to receive the broadcast packet if RX Pipe Number in the
command is set to 0. The broadcast address is 0xE7, 0x39, 0xCE, 0x73, 0x9C depending on the address length (ADDRLNG register)
setting. The address must be reserved for the broadcast use. In a broadcast packet, both Destination Pipe Address and Source Pipe
Address are not attached.
Table 15. Packet Control Word Format
Payload Length
PID
NOACK
6 bits
3 bits
1 bit
Table 16. Registers Table for Broadcast Enable
Address (Hex)
Mnemonic
Bits
Init
RW
Description
0x23
BCEN
0
0
R/W
Broadcasting Listening Enable
0: Broadcasting packets are ignored.
1: Broadcasting packet can be received.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com