Electronic Components Datasheet Search
  English  ▼

X  

CYRF9935 Datasheet(PDF) 23 Page - Cypress Semiconductor

Part # CYRF9935
Description  WirelessUSB??NX 2.4 GHz Low Power Radio
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYRF9935 Datasheet(HTML) 23 Page - Cypress Semiconductor

Back Button CYRF9935 Datasheet HTML 19Page - Cypress Semiconductor CYRF9935 Datasheet HTML 20Page - Cypress Semiconductor CYRF9935 Datasheet HTML 21Page - Cypress Semiconductor CYRF9935 Datasheet HTML 22Page - Cypress Semiconductor CYRF9935 Datasheet HTML 23Page - Cypress Semiconductor CYRF9935 Datasheet HTML 24Page - Cypress Semiconductor CYRF9935 Datasheet HTML 25Page - Cypress Semiconductor CYRF9935 Datasheet HTML 26Page - Cypress Semiconductor CYRF9935 Datasheet HTML 27Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 47 page
background image
CYRF9935
Document Number: 001-88748 Rev. *G
Page 23 of 47
SPI Status in Command Phase
When a command is issued the radio always outputs the register 0x01 value. This helps the MCU to get the radio status without having
to ask for it specifically. The NOP command can be used to read radio status without performing operation.
SPI Command for Register Read and Write
There are two SPI commands that are used to access the radio register. R_REGISTER is used to read the content of a register.
W_REGISTER is used to write data to any register.
SPI Command for RX FIFO Access
There are two commands, R_RX_PAYLOAD and FLUSH_RX_FIFO to handle RX FIFO access. When CYRF9935 receives a data
packet, the data will be stored into RX FIFO. R_RX_PAYLOAD command is used to read the data from the RX FIFO. FLUSH_RX_FIFO
command clears bit 0 (RX_FIFO_NOT_EMPTY) of register 0x01 and bits 0–5 of register 0x1f. The RX_FIFO contents are not valid
after this command.
Table 26. SPI Command for NOP
Byte Num.
Phases
B7
B6
B5
B4
B3
B2
B1
B0
Note
Byte 1
Command
1
1
1
1
1
1
1
1
–
Table 27. SPI Command for Register Read
Byte Num.
Phases
B7
B6
B5
B4
B3
B2
B1
B0
Note
Byte 1
Command
0
0
Register Address
–
Byte 2
Data
Register Content
–
Table 28. SPI Command for Register Write
Byte Num.
Phases
B7
B6
B5
B4
B3
B2
B1
B0
Note
Byte 1
Command
0
1
Register Address
–
Byte 2
Data
Register Content
–
Table 29. SPI Command for R_RX_PAYLOAD
Byte Num.
Phases
B7
B6
B5
B4
B3
B2
B1
B0
Note
Byte 1
Command
1
0
0
0
0
0
0
0
Byte 2
Data
Packet RSSI
RX Pipe Number
Note 9, 10
Byte 3
Data
Reserved
Data Length
Note 11
Byte 4–35
Data
Read Data from RX FIFO
Table 30. SPI Command for FLUSH_RX_FIFO
Byte Num.
Phases
B7
B6
B5
B4
B3
B2
B1
B0
Note
Byte 1
Command
1
1
0
0
0
1
0
0
–
Notes
9. Packet RSSI
This field contains the RSSI value which was evaluated while receiving the packet.
10. RX Pipe Number
This field indicates to which pipe the data belongs.
11. Data Length
This field indicates how many bytes in RX FIFO should be read out. The maximum length is 32 Bytes. The minimum length is 1 Byte. The length from Byte Number
4-35 depends on this field.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com