Electronic Components Datasheet Search
  English  ▼

X  

BCM20705 Datasheet(PDF) 39 Page - Cypress Semiconductor

Part # BCM20705
Description  Single-Chip Bluetooth Transceiver and Baseband Processor
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

BCM20705 Datasheet(HTML) 39 Page - Cypress Semiconductor

Back Button BCM20705 Datasheet HTML 35Page - Cypress Semiconductor BCM20705 Datasheet HTML 36Page - Cypress Semiconductor BCM20705 Datasheet HTML 37Page - Cypress Semiconductor BCM20705 Datasheet HTML 38Page - Cypress Semiconductor BCM20705 Datasheet HTML 39Page - Cypress Semiconductor BCM20705 Datasheet HTML 40Page - Cypress Semiconductor BCM20705 Datasheet HTML 41Page - Cypress Semiconductor BCM20705 Datasheet HTML 42Page - Cypress Semiconductor BCM20705 Datasheet HTML 43Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 51 page
background image
Document Number: 002-14867 Rev. *F
Page 39 of 51
CYW20705
Table 20. Transmitter RF Specifications a, b
Parameter
Conditions
Minimum
Typical
Maximum
Unit
General
Frequency range
–
2402
–
2480
MHz
Class1: GFSK Tx power c
–6.5
10
–
dBm
Class1: EDR Tx power d
–4.5
8
–
dBm
Class 2: GFSK Tx power
–
–1.5
2
–
dBm
Power control step
–
2
4
6
dB
Modulation Accuracy
p/4-DQPSK Frequency Stability
–
–10
–
10
kHz
p/4-DQPSK RMS DEVM
–
–
–
20
%
p/4-QPSK Peak DEVM
–
–
–
35
%
p/4-DQPSK 99% DEVM
–
–
–
30
%
8-DPSK frequency stability
–
–10
–
10
kHz
8-DPSK RMS DEVM
–
–
–
13
%
8-DPSK Peak DEVM
–
–
–
25
%
8-DPSK 99% DEVM
–
–
–
20
%
In-Band Spurious Emissions
+500 kHz
–
–
–
–20
dBc
1.0 MHz < |M – N| < 1.5 MHz
–
–
–
–26
dBc
1.5 MHz < |M – N| < 2.5 MHz
–
–
–
–20
dBm
|M – N| > 2.5 MHz
–
–
–
–40
dBm
Out-of-Band Spurious Emissions
30 MHz to 1 GHz
–
–
–
–36.0 e
dBm
1 GHz to 12.75 GHz
–
–
–
–30.0 e, f
dBm
1.8 GHz to 1.9 GHz
–
–
–
–47.0
dBm
5.15 GHz to 5.3 GHz
–
–
–
–47.0
dBm
GPS Band Noise Emission (without a front-end band pass filter)
1572.92 MHz to 1577.92 MHz
–
–
–150
–127
dBm/Hz
Out-of-Band Noise Emissions (without a front-end band pass filter)
65 MHz to 108 MHz
FM Rx
–
–145
–
dBm/Hz
746 MHz to 764 MHz
CDMA
–
–145
–
dBm/Hz
869 MHz to 960 MHz
CDMA
–
–145
–
dBm/Hz
925 MHz to 960 MHz
EDGE/GSM
–
–145
–
dBm/Hz
1805 MHz to 1880 MHz
EDGE/GSM
–
–145
–
dBm/Hz
1930 MHz to 1990 MHz
PCS
–
–145
–
dBm/Hz
2110 MHz to 2170 MHz
WCDMA
–
–145
–
dBm/Hz
a. All specifications are for industrial temperatures. For details, see Table 18 on page 36.
b. All specifications are single-ended. Unused input are left open.
c. +10 dBm output for GFSK measured with VDDTF = 2.9 V.
d. +8 dBm output for EDR measured with VDDTF = 2.9 V.
e. Maximum value is the value required for Bluetooth qualification.
f.
Meets this spec using a front-end bandpass filter.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com