Electronic Components Datasheet Search
  English  ▼

X  

BCM20705 Datasheet(PDF) 21 Page - Cypress Semiconductor

Part # BCM20705
Description  Single-Chip Bluetooth Transceiver and Baseband Processor
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

BCM20705 Datasheet(HTML) 21 Page - Cypress Semiconductor

Back Button BCM20705 Datasheet HTML 17Page - Cypress Semiconductor BCM20705 Datasheet HTML 18Page - Cypress Semiconductor BCM20705 Datasheet HTML 19Page - Cypress Semiconductor BCM20705 Datasheet HTML 20Page - Cypress Semiconductor BCM20705 Datasheet HTML 21Page - Cypress Semiconductor BCM20705 Datasheet HTML 22Page - Cypress Semiconductor BCM20705 Datasheet HTML 23Page - Cypress Semiconductor BCM20705 Datasheet HTML 24Page - Cypress Semiconductor BCM20705 Datasheet HTML 25Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 51 page
background image
Document Number: 002-14867 Rev. *F
Page 21 of 51
CYW20705
5.3 USB Interface
5.3.1 Features
The following USB interface features are supported:
■ USB Protocol, Revision 2.0, full-speed compliant including the hub
■ Optional hub compound device with up to three device cores internal to device.
■ Bus or self-power, dynamic configuration for the hub
■ Global and selective suspend and resume with remote wakeup
■ Bluetooth HCI
■ HID, DFU, UHE (proprietary method to emulate an HID device at system boot)
■ Integrated detach resistor
5.3.2 Operation
Note: The USB and HCI UART interfaces cannot be used simultaneously. For designs that do not use the USB interface, VDD_USB,
HUSB_DP and HUSB_DN must be connected to ground.
The CYW20705 can be configured to boot up as either a single USB peripheral or a USB hub with several USB peripherals attached.
As a single peripheral, the host detects a single USB Bluetooth device. In Hub mode, the host detects a hub with one to three of the
ports already connected to USB devices (see Figure 6).
Figure 6. USB Compounded Device Configuration
Depending on the desired hub mode configuration, the CYW20705 can boot up showing the three ports connected to logical USB
devices internal to the CYW20705—a generic Bluetooth device, a mouse, and a keyboard. In this mode, the mouse and keyboard
are emulated devices, since they connect to real HID devices via a Bluetooth link. The Bluetooth link to these HID devices is hidden
from the USB host. To the host, the mouse and/or keyboard appear to be directly connected to the USB port. This Cypress proprietary
architecture is called USB HID Emulation (UHE).
The USB device, configuration, and string descriptors are fully programmable, allowing manufacturers to customize the descriptors,
including vendor and product IDs, the CYW20705 uses to identify itself on the USB port. To make custom USB descriptor information
available at boot time, stored it in external NVRAM.
Despite the mode of operation (Single Peripheral or Hub), the Bluetooth device is configured to include the following interfaces:
Interface 0
Contains a Control endpoint (Endpoint 0x00) for HCI commands, a Bulk In Endpoint (Endpoint 0x82) for receiving
ACL data, a Bulk Out Endpoint (Endpoint 0x02) for transmitting ACL data, and an Interrupt Endpoint (Endpoint
0x81) for HCI events.
Interface 1
Contains Isochronous In and Out endpoints (Endpoints 0x83 and 0x03) for SCO traffic. Several alternate Interface
1 settings are available for reserving the proper bandwidth of isochronous data (depending on the application).
Interface 2
Contains Bulk In and Bulk Out endpoints (Endpoints 0x84 and 0x04) used for proprietary testing and debugging
purposes. These endpoints can be ignored during normal operation.
USB Compounded Device
Hub Controller
USB Device 1
HID Keyboard
USB Device 2
HID Mouse
USB Device 3
Bluetooth
Host



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com