Electronic Components Datasheet Search
  English  ▼

X  

BCM20705 Datasheet(PDF) 13 Page - Cypress Semiconductor

Part # BCM20705
Description  Single-Chip Bluetooth Transceiver and Baseband Processor
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

BCM20705 Datasheet(HTML) 13 Page - Cypress Semiconductor

Back Button BCM20705 Datasheet HTML 9Page - Cypress Semiconductor BCM20705 Datasheet HTML 10Page - Cypress Semiconductor BCM20705 Datasheet HTML 11Page - Cypress Semiconductor BCM20705 Datasheet HTML 12Page - Cypress Semiconductor BCM20705 Datasheet HTML 13Page - Cypress Semiconductor BCM20705 Datasheet HTML 14Page - Cypress Semiconductor BCM20705 Datasheet HTML 15Page - Cypress Semiconductor BCM20705 Datasheet HTML 16Page - Cypress Semiconductor BCM20705 Datasheet HTML 17Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 51 page
background image
Document Number: 002-14867 Rev. *F
Page 13 of 51
CYW20705
3.6.3 BBC Power Management
The device provides the following low-power operations for the BBC:
■ Physical layer packet handling turns RF on and off dynamically within packet TX and RX.
■ Bluetooth specified low-power connection mode (Sniff). While in this low-power connection mode, the device runs on the Low Power
Oscillator and wakes up after a predefined time period.
Table 2. Power Control Pin Summary
Pin
Direction
Description
BT_WAKE
(GPIO_0)
Host output
BT input
Bluetooth device wake-up: Signal from the host to the Bluetooth device that the host requires
attention.
■Asserted = Bluetooth device must wake up or remain awake.
■Deasserted = Bluetooth device may sleep when sleep criteria are met.
The polarity of this signal is software configurable and can be asserted high or low. By default,
BT_WAKE is active-low (if BT-WAKE is low it requires the device to wake up or remain awake).
For USB applications, this can be used for setting Airport mode (radio disable mode).
HOST_WAKE
(GPIO_1)
BT output
Host input
Host wake-up. Signal from the Bluetooth device to the host indicating that Bluetooth device
requires attention.
■Asserted = Host device must wake up or remain awake.
■Deasserted = Host device may sleep when sleep criteria are met.
The polarity of this signal is software configurable and can be asserted high or low.
CLK_REQ
(GPIO_5)
BT output
Clock request
■Asserted = External clock reference required
■Deasserted = External clock reference may be powered down
For the CYW20705A1KWFBG, the polarity of CLK_REQ is active low.
For CYW20705B0KWFBG, the CLK_REQ function is only available as a configurable feature
after firmware boot, which means it cannot be used to request a clock at boot time.
REG_EN
BT input
Enables the internal preregulator and main regulator outputs. REG_EN is active-high.
■1 = Enabled
■0 = Disabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com