Electronic Components Datasheet Search
  English  ▼

X  

ML3371 Datasheet(PDF) 10 Page - LANSDALE Semiconductor Inc.

Part # ML3371
Description  Low Power Narrowband FM IF
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LANSDALE [LANSDALE Semiconductor Inc.]
Direct Link  http://www.lansdale.com
Logo LANSDALE - LANSDALE Semiconductor Inc.

ML3371 Datasheet(HTML) 10 Page - LANSDALE Semiconductor Inc.

Back Button ML3371 Datasheet HTML 6Page - LANSDALE Semiconductor Inc. ML3371 Datasheet HTML 7Page - LANSDALE Semiconductor Inc. ML3371 Datasheet HTML 8Page - LANSDALE Semiconductor Inc. ML3371 Datasheet HTML 9Page - LANSDALE Semiconductor Inc. ML3371 Datasheet HTML 10Page - LANSDALE Semiconductor Inc. ML3371 Datasheet HTML 11Page - LANSDALE Semiconductor Inc. ML3371 Datasheet HTML 12Page - LANSDALE Semiconductor Inc. ML3371 Datasheet HTML 13Page - LANSDALE Semiconductor Inc. ML3371 Datasheet HTML 14Page - LANSDALE Semiconductor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
www.lansdale.com
Page 10 of 19
Issue A
LANSDALE Semiconductor, Inc.
ML3371, ML3372
Figure 9. ML3371 Circuit Schematic
Figure 10. ML3372 Circuit Schematic
100
µA
IFOut
8
QuadIn
4
VCC
5
1.8 k
IFIn
DEC1
53 k
51 k
X
200 9
RAOut
100 µA
Squelch Out
+
FilterOut
Bias
12 Squelch In
11
MixerOut
3
Bias
X
Y
X
OSC1
200 µA
2
1
16
14
15
Gnd
10
FilterIn
–
Meter Out
13
OSC2
VCC
4
Y
Y
DEC2
7
MixerIn
6
X
100
µA
Squelch Out
+
FilterOut
Bias
12 Squelch In
11
MixerOut
3
Bias
X
Y
X
OSC1
200 µA
2
1
16
14
15
Gnd
10
FilterIn
–
Meter Out
13
OSC2
VCC
4
MixerIn
8
QuadIn
4
VCC
5
IFIn
DEC
53 k
X
200 9
RAOut
100 µA
Y
Y
7
6
X
10
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com