Electronic Components Datasheet Search
  English  ▼

X  

ML3371 Datasheet(PDF) 16 Page - LANSDALE Semiconductor Inc.

Part # ML3371
Description  Low Power Narrowband FM IF
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LANSDALE [LANSDALE Semiconductor Inc.]
Direct Link  http://www.lansdale.com
Logo LANSDALE - LANSDALE Semiconductor Inc.

ML3371 Datasheet(HTML) 16 Page - LANSDALE Semiconductor Inc.

Back Button ML3371 Datasheet HTML 11Page - LANSDALE Semiconductor Inc. ML3371 Datasheet HTML 12Page - LANSDALE Semiconductor Inc. ML3371 Datasheet HTML 13Page - LANSDALE Semiconductor Inc. ML3371 Datasheet HTML 14Page - LANSDALE Semiconductor Inc. ML3371 Datasheet HTML 15Page - LANSDALE Semiconductor Inc. ML3371 Datasheet HTML 16Page - LANSDALE Semiconductor Inc. ML3371 Datasheet HTML 17Page - LANSDALE Semiconductor Inc. ML3371 Datasheet HTML 18Page - LANSDALE Semiconductor Inc. ML3371 Datasheet HTML 19Page - LANSDALE Semiconductor Inc.  
Zoom Inzoom in Zoom Outzoom out
 16 / 19 page
background image
www.lansdale.com
Page 15 of 19
Issue A
LANSDALE Semiconductor, Inc.
ML3371, ML3372
Figure 16. S + N, N, AMR versus Input
Figure 17. Mixer Input Impedance versus Frequency
+j10
–j500
–j250
–j150
–j100
–j50
–j25
–j10
+j250
+j25
+j50
+j500
+j150
VCC = 4.0 Vdc
RF Input = –40 dBm
+j100
0
10
150
500
250
25
50
N
–60
–70
–10
–30
–50
–90
–110
10
0
–10
–130
–50
–40
–30
–20
* Reference Figures 11, 12 and 13
RF INPUT (dBm)
S + N
S + N 30% AM
10.7 MHz
45 MHz
100
fRF = 10.7 MHz
VCC = 4.0 V
TA = 25°C
Legacy Applications Information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com