Electronic Components Datasheet Search
  English  ▼

X  

ML3371 Datasheet(PDF) 18 Page - LANSDALE Semiconductor Inc.

Part # ML3371
Description  Low Power Narrowband FM IF
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LANSDALE [LANSDALE Semiconductor Inc.]
Direct Link  http://www.lansdale.com
Logo LANSDALE - LANSDALE Semiconductor Inc.

ML3371 Datasheet(HTML) 18 Page - LANSDALE Semiconductor Inc.

Back Button ML3371 Datasheet HTML 11Page - LANSDALE Semiconductor Inc. ML3371 Datasheet HTML 12Page - LANSDALE Semiconductor Inc. ML3371 Datasheet HTML 13Page - LANSDALE Semiconductor Inc. ML3371 Datasheet HTML 14Page - LANSDALE Semiconductor Inc. ML3371 Datasheet HTML 15Page - LANSDALE Semiconductor Inc. ML3371 Datasheet HTML 16Page - LANSDALE Semiconductor Inc. ML3371 Datasheet HTML 17Page - LANSDALE Semiconductor Inc. ML3371 Datasheet HTML 18Page - LANSDALE Semiconductor Inc. ML3371 Datasheet HTML 19Page - LANSDALE Semiconductor Inc.  
Zoom Inzoom in Zoom Outzoom out
 18 / 19 page
background image
www.lansdale.com
Page 17 of 19
Issue A
LANSDALE Semiconductor, Inc.
ML3371, ML3372
Figure 20. MC3372P PC Board Component View with Matched Input at 10.7 MHz
Figure 21. MC3372P PC Board Circuit or Solder Side as Viewed through Component Side
CDB
455
C16
CFU455D2
INPUT IF
10.7 MHZ
C15
J3
C10
C11
VCC
AF OUT
GND
CUT
.325
+
C9
VCC
COMPONENT SIDE
C12
GND
CUT
.325
R10
R
1
1
C
1
3
METER
OUT
J4
R1
C3
R9
D1
R5
R4 C6
R3
R6
VR1
VCC
J3
VR2
R8
R7
C8
C7
C1
C2
+
C16
J1
L1
MC3372
IF 10.7 MHZ
FRONT END
BNC
XTAL
10.245
MHZ
MC3372
R12
J2
BNC
R13
C17
R2
C4
CUT
.325
C
5
L2
C14
Above PC Board is laid out for the circuit in Figure 12.
SOLDER SIDE
Legacy Applications Information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com