Electronic Components Datasheet Search
  English  ▼

X  

ML145162 Datasheet(PDF) 1 Page - LANSDALE Semiconductor Inc.

Part # ML145162
Description  60 MHz and 85 MHz Universal Programmable Dual PLL Frequency Synthesizers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LANSDALE [LANSDALE Semiconductor Inc.]
Direct Link  http://www.lansdale.com
Logo LANSDALE - LANSDALE Semiconductor Inc.

ML145162 Datasheet(HTML) 1 Page - LANSDALE Semiconductor Inc.

  ML145162 Datasheet HTML 1Page - LANSDALE Semiconductor Inc. ML145162 Datasheet HTML 2Page - LANSDALE Semiconductor Inc. ML145162 Datasheet HTML 3Page - LANSDALE Semiconductor Inc. ML145162 Datasheet HTML 4Page - LANSDALE Semiconductor Inc. ML145162 Datasheet HTML 5Page - LANSDALE Semiconductor Inc. ML145162 Datasheet HTML 6Page - LANSDALE Semiconductor Inc. ML145162 Datasheet HTML 7Page - LANSDALE Semiconductor Inc. ML145162 Datasheet HTML 8Page - LANSDALE Semiconductor Inc. ML145162 Datasheet HTML 9Page - LANSDALE Semiconductor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
www.lansdale.com
Page 1 of 24
Issue 0
ML145162
60 MHz and 85 MHz Universal
Programmable Dual PLL Frequency
Synthesizers
CMOS
Legacy Device: Motorola MC145162
The ML145162 is a dual phase–locked loop (PLL) frequency synthesizer
especially designed for CT–1 cordless phone applications worldwide. This
frequency synthesizer is also for any product with a frequency operation at
60MHz or below.
The device features fully programmable receive, transmit, reference, and
auxiliary reference counters accessed through an MCU serial interface. This
feature allows this device to operate in any CT–1 cordless phone application.
The device consists of two independent phase detectors for transmit and
receive loops. A common reference oscillator, driving two independent refer-
ence frequency counters, provides independent reference frequencies for
transmit and receive loops. The auxiliary reference counter allows the user to
select an additional reference frequency for receive and transmit loops if
required.
• Operating Voltage Range: 2.5 to 5.5 V
• Operating Temperature Range: TA = – 40 to +75°C
• Operating Power Consumption: 3.0 mA @ 2.5 V
• Maximum Operating Frequency: 60 MHz @ 200 mV p–p, VDD = 2.5 V
• Three or Four Pins Used for Serial MCU Interface
• Built–In MCU Clock Output with Frequency of Reference Oscillator ÷3/÷4
• Power Saving Mode Controlled by MCU
• Lock Detect Signal
• On–Chip Reference Oscillator Supports External Crystals to 16.0 MHz
• Reference Frequency Counter Division Range: 16 to 4095
• Auxiliary Reference Frequency Counter Division Range: 16 to 16,383
• Transmit Counter Division Range: 16 to 65,535
• Receive Counter Division Range: 16 to 65,535
P DIP 16 = EP
PLASTIC DIP
CASE 648
SOG 16 = -5P
SOG PACKAGE
CASE 751B
16
1
16
1
CROSS REFERENCE/ORDERING INFORMATION
MOTOROLA
P DIP 16
MC145162P
ML145162EP
SOG 16
MC145162D
ML145162-5P
LANSDALE
PACKAGE
Note: Lansdale lead free (Pb) product, as it
becomes available, will be identified by a part
number prefix change from
ML to MLE.
PIN ASSIGNMENT
13
14
15
16
9
10
11
12
5
4
3
2
1
8
7
6
VDD
TxPS/fTx
fin–T
TxPDout
LD
fin–R
RxPDout
RxPS/FRx
ENB
Din
ADin
CLK
OSCout
OSCin
VSS
MCUCLK


Similar Part No. - ML145162

ManufacturerPart #DatasheetDescription
logo
LANSDALE Semiconductor ...
ML145162 LANSDALE-ML145162 Datasheet
1Mb / 24P
60 MHz and 85 MHz Universal Programmable Dual PLL Frequency Synthesizers CMOS
ML145162-5P LANSDALE-ML145162-5P Datasheet
1Mb / 24P
60 MHz and 85 MHz Universal Programmable Dual PLL Frequency Synthesizers CMOS
ML145162EP LANSDALE-ML145162EP Datasheet
1Mb / 24P
60 MHz and 85 MHz Universal Programmable Dual PLL Frequency Synthesizers CMOS
More results

Similar Description - ML145162

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC7152 SANYO-LC7152 Datasheet
272Kb / 12P
Universal Dual-PLL Frequency Synthesizers
LC7153 SANYO-LC7153 Datasheet
276Kb / 11P
Universal Dual-PLL Frequency Synthesizers?
LM7007M SANYO-LM7007M Datasheet
228Kb / 9P
Dual-PLL Frequency Synthesizers
LM7008M SANYO-LM7008M Datasheet
201Kb / 9P
Dual-PLL Frequency Synthesizers?
logo
Hynix Semiconductor
GM6535 HYNIX-GM6535 Datasheet
225Kb / 23P
60 MHz Universal Programmable Dual PLL Frequency synthesizer
logo
Analog Devices
ADF4218 AD-ADF4218 Datasheet
227Kb / 20P
Dual RF PLL Frequency Synthesizers
REV.0
logo
Motorola, Inc
MC145162 MOTOROLA-MC145162 Datasheet
153Kb / 24P
60MHZ AND 85 MHZ UNIVERSAL PROGRAMMABLE DUAL PLL FREQUENCY SYNTHESIZERS
logo
LANSDALE Semiconductor ...
ML145162 LANSDALE-ML145162 Datasheet
1Mb / 24P
60 MHz and 85 MHz Universal Programmable Dual PLL Frequency Synthesizers CMOS
logo
Analog Devices
ADF4207 AD-ADF4207_15 Datasheet
226Kb / 20P
Dual RF PLL Frequency Synthesizers
REV. 0
ADF4217 AD-ADF4217_15 Datasheet
247Kb / 20P
Dual RF PLL Frequency Synthesizers
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com