Electronic Components Datasheet Search
  English  ▼

X  

MB90F543GPF Datasheet(PDF) 63 Page - Cypress Semiconductor

Part # MB90F543GPF
Description  CMOS F2MC-16LX MB90540G/545GSeries 16-bit Proprietary Microcontroller
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB90F543GPF Datasheet(HTML) 63 Page - Cypress Semiconductor

Back Button MB90F543GPF Datasheet HTML 59Page - Cypress Semiconductor MB90F543GPF Datasheet HTML 60Page - Cypress Semiconductor MB90F543GPF Datasheet HTML 61Page - Cypress Semiconductor MB90F543GPF Datasheet HTML 62Page - Cypress Semiconductor MB90F543GPF Datasheet HTML 63Page - Cypress Semiconductor MB90F543GPF Datasheet HTML 64Page - Cypress Semiconductor MB90F543GPF Datasheet HTML 65Page - Cypress Semiconductor MB90F543GPF Datasheet HTML 66Page - Cypress Semiconductor MB90F543GPF Datasheet HTML 67Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 70 page
background image
Document Number: 002- 07696 Rev. *A
Page 63 of 70
MB90540G/545G Series
40
35
30
25
20
15
10
5
0
Vcc [V]
ICCLS – VCC
fcp = 8 kHz
25
20
15
10
5
0
2
7
6
5
4
3
Vcc [V]
ICCT – VCC
fcp = 8 kHz
2
7
6
5
4
3
(Ta = +25˚C)
(Ta = +25˚C)
23456
ICCH1 – VCC
VCC [V]
7
20
18
16
14
12
10
8
6
4
0
2
(STOP, Ta = +25 ˚C)
100
90
85
70
60
50
40
30
20
0
23456
ICCH2 – VCC
VCC [V]
7
10
(hardware standby, Ta = +25 ˚C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com