Electronic Components Datasheet Search
  English  ▼

X  

MB90F543GPF Datasheet(PDF) 28 Page - Cypress Semiconductor

Part # MB90F543GPF
Description  CMOS F2MC-16LX MB90540G/545GSeries 16-bit Proprietary Microcontroller
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB90F543GPF Datasheet(HTML) 28 Page - Cypress Semiconductor

Back Button MB90F543GPF Datasheet HTML 24Page - Cypress Semiconductor MB90F543GPF Datasheet HTML 25Page - Cypress Semiconductor MB90F543GPF Datasheet HTML 26Page - Cypress Semiconductor MB90F543GPF Datasheet HTML 27Page - Cypress Semiconductor MB90F543GPF Datasheet HTML 28Page - Cypress Semiconductor MB90F543GPF Datasheet HTML 29Page - Cypress Semiconductor MB90F543GPF Datasheet HTML 30Page - Cypress Semiconductor MB90F543GPF Datasheet HTML 31Page - Cypress Semiconductor MB90F543GPF Datasheet HTML 32Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 70 page
background image
Document Number: 002- 07696 Rev. *A
Page 28 of 70
MB90540G/545G Series
(Continued)
 Read/write notation
 Initial value notation
Note:
Any write access to reserved addresses in I/O map should not be performed. A read access to reserved addresses results
in reading “X”.
Address
Register
Abbreviation
Access
Resource name
Initial value
3928H
Output Compare Register 0
OCCP0
R/W
Output Compare 0/1
XXXXXXXXB
3929H
Output Compare Register 0
OCCP0
R/W
XXXXXXXXB
392AH
Output Compare Register 1
OCCP1
R/W
XXXXXXXXB
392BH
Output Compare Register 1
OCCP1
R/W
XXXXXXXXB
392CH
Output Compare Register 2
OCCP2
R/W
Output Compare 2/3
XXXXXXXXB
392DH
Output Compare Register 2
OCCP2
R/W
XXXXXXXXB
392EH
Output Compare Register 3
OCCP3
R/W
XXXXXXXXB
392FH
Output Compare Register 3
OCCP3
R/W
XXXXXXXXB
3930H to 39FFH
Reserved
3A00H to 3AFFH
Reserved for CAN 0 Interface.
3B00H to 3BFFH
Reserved for CAN 0 Interface.
3C00H to 3CFFH
Reserved for CAN 1 Interface.
3D00H to 3DFFH
Reserved for CAN 1 Interface.
3E00H to 3FFFH
Reserved
R/W
: Reading and writing permitted
R
: Read-only
W
: Write-only
0
: Initial value is “0”.
1
: Initial value is “1”.
X
: Initial value is undefined.
_
: Initial value is unused.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com