Electronic Components Datasheet Search
  English  ▼

X  

LM3578A Datasheet(PDF) 17 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM3578A
Description  Switching Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3578A Datasheet(HTML) 17 Page - National Semiconductor (TI)

Back Button LM3578A Datasheet HTML 12Page - National Semiconductor (TI) LM3578A Datasheet HTML 13Page - National Semiconductor (TI) LM3578A Datasheet HTML 14Page - National Semiconductor (TI) LM3578A Datasheet HTML 15Page - National Semiconductor (TI) LM3578A Datasheet HTML 16Page - National Semiconductor (TI) LM3578A Datasheet HTML 17Page - National Semiconductor (TI) LM3578A Datasheet HTML 18Page - National Semiconductor (TI) LM3578A Datasheet HTML 19Page - National Semiconductor (TI) LM3578A Datasheet HTML 20Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
Typical Applications (Continued)
where:
RS-232 LINE DRIVER POWER SUPPLY
The power supply, shown in Figure 23, operates from an
input voltage as low as 4.2V (5V nominal), and delivers an
output of ±12V at ±40 mA with better than 70% efficiency.
The circuit provides a load regulation of ±150 mV (from 10%
to 100% of full load) and a line regulation of ±10 mV. Other
notable features include a cycle-by-cycle current limit and an
output voltage ripple of less than 40 mVp-p.
A unique feature of this circuit is its use of feedback from
both outputs. This dual feedback configuration results in a
sharing of the output voltage regulation by each output so
that neither side becomes unbalanced as in single feedback
systems. In addition, since both sides are regulated, it is not
necessary to use a linear regulator for output regulation.
The feedback resistors, R2 and R3, may be selected as
follows by assuming a value of 10 k
Ω for R1;
R2=(V
o − 1V)/45.8 µA = 240 k
Ω
R3 = (|V
o| +1V)/54.2 µA = 240 k
Ω
Actually, the currents used to program the values for the
feedback resistors may vary from 40 µA to 60 µA, as long as
their sum is equal to the 100 µA necessary to establish the
1V threshold across R1. Ideally, these currents should be
equal (50 µA each) for optimal control. However, as was
done here, they may be mismatched in order to use standard
resistor values. This results in a slight mismatch of regulation
between the two outputs.
The current limit resistor, R4, is selected by dividing the
current limit threshold voltage by the maximum peak current
level in the output switch. For our purposes R4 = 110 mV/
750 mA = 0.15
Ω. A value of 0.1Ω was used.
Capacitor C1 sets the oscillator frequency and is selected
from Figure 1.
Capacitor C2 serves as a compensation capacitor for syn-
chronous operation and a value of 10 to 50 pF should be
sufficient for most applications.
00871113
9V
≤ V
in
≤ 15V
R5 = 270
V
o = 12V
C1 = 1820 pF
I
o = 100 mA
C2 = 220 µF
V
ripple =50mV
C3=20pF
f
osc = 50 kHz
C4 = 0.0022 µF
R1 = 110k
L1 = 220 µH
R2 = 10k
D1, D2 = 1N5819
R3 = 0.15
Q1 = D44
R4 = 220k
FIGURE 22. Buck-Boost Regulator
00871114
V
in = 5V
R4 = 0.15
Ω
V
o ±12V
C1 = 820 pF
I
o = ±40 mA
C2 = 10 pF
f
osc = 80 kHz
C3 = 220 µF
R1=10k
Ω
D1, D2, D3 = 1N5819
R2 = 240 k
Ω
T1 = PE-64287
R3 = 240 k
Ω
FIGURE 23. RS-232 Line Driver Power Supply
www.national.com
17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com