Electronic Components Datasheet Search
  English  ▼

X  

LM3578A Datasheet(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM3578A
Description  Switching Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3578A Datasheet(HTML) 11 Page - National Semiconductor (TI)

Back Button LM3578A Datasheet HTML 7Page - National Semiconductor (TI) LM3578A Datasheet HTML 8Page - National Semiconductor (TI) LM3578A Datasheet HTML 9Page - National Semiconductor (TI) LM3578A Datasheet HTML 10Page - National Semiconductor (TI) LM3578A Datasheet HTML 11Page - National Semiconductor (TI) LM3578A Datasheet HTML 12Page - National Semiconductor (TI) LM3578A Datasheet HTML 13Page - National Semiconductor (TI) LM3578A Datasheet HTML 14Page - National Semiconductor (TI) LM3578A Datasheet HTML 15Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
Applications Information (Continued)
1.5V to 2.0V. The signal source must be capable of 1.)
driving capacitive loads and 2.) delivering up to 500 µA for
each LM2578A.
Capacitors C1 thru CN are to be selected for a 20% slower
frequency than the synchronization frequency.
Typical Applications
The LM2578A may be operated in either the continuous or
the discontinuous conduction mode. The following applica-
tions (except for the Buck-Boost Regulator) are designed for
continuous conduction operation. That is, the inductor cur-
rent is not allowed to fall to zero. This mode of operation has
higher efficiency and lower EMI characteristics than the dis-
continuous mode.
BUCK REGULATOR
The buck configuration is used to step an input voltage down
to a lower level. Transistor Q1 in Figure 14 chops the input
DC voltage into a squarewave. This squarewave is then
converted back into a DC voltage of lower magnitude by the
low pass filter consisting of L1 and C1. The duty cycle, D, of
the squarewave relates the output voltage to the input volt-
age by the following equation:
V
out =DxVin =Vin x(ton)/(ton +toff).
Figure 15 is a 15V to 5V buck regulator with an output
current, I
o, of 350 mA. The circuit becomes discontinuous at
20% of I
o(max), has 10 mV of output voltage ripple, an effi-
ciency of 75%, a load regulation of 30 mV (70 mA to 350 mA)
and a line regulation of 10 mV (12
≤ V
in
≤ 18V).
Component values are selected as follows:
R1=(V
o − 1) x R2 where R2 = 10 k
Ω
R3 = V/I
sw(max)
R3 = 0.15
Ω
where:
V is the current limit sense voltage, 0.11V
I
sw(max) is the maximum allowable current thru the output
transistor.
L1 is the inductor and may be found from the inductance
calculation chart (Figure 16) as follows:
Given V
in = 15V
V
o =5V
I
o(max) = 350 mA
f
OSC =50kHz
Discontinuous at 20% of I
o(max).
Note that since the circuit will become discontinuous at 20%
of I
o(max), the load current must not be allowed to fall below
70 mA.
00871125
FIGURE 13. Synchronizing Devices
00871105
FIGURE 14. Basic Buck Regulator
www.national.com
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com