Electronic Components Datasheet Search
  English  ▼

X  

LM3578A Datasheet(PDF) 15 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM3578A
Description  Switching Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3578A Datasheet(HTML) 15 Page - National Semiconductor (TI)

Back Button LM3578A Datasheet HTML 11Page - National Semiconductor (TI) LM3578A Datasheet HTML 12Page - National Semiconductor (TI) LM3578A Datasheet HTML 13Page - National Semiconductor (TI) LM3578A Datasheet HTML 14Page - National Semiconductor (TI) LM3578A Datasheet HTML 15Page - National Semiconductor (TI) LM3578A Datasheet HTML 16Page - National Semiconductor (TI) LM3578A Datasheet HTML 17Page - National Semiconductor (TI) LM3578A Datasheet HTML 18Page - National Semiconductor (TI) LM3578A Datasheet HTML 19Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
Typical Applications (Continued)
BOOST REGULATOR
The boost regulator converts a low input voltage into a
higher output voltage. The basic configuration is shown in
Figure 18. Energy is stored in the inductor while the transis-
tor is on and then transferred with the input voltage to the
output capacitor for filtering when the transistor is off. Thus,
V
o =Vin +Vin(ton/toff).
The circuit of Figure 19 converts a 5V supply into a 15V
supply with 150 mA of output current, a load regulation of
14 mV (30 mA to 140 mA), and a line regulation of 35 mV
(4.5V
≤ V
in
≤ 8.5V).
R1=(V
o − 1) R2 where R2 = 10 k
Ω.
R3 = V/(I
L(max, DC) + 0.5
∆I
L)
where:
∆I
L = 2(ILOAD(min))(Vo/Vin)
∆I
L is 200 mA in this example.
R4, C3 and C4 are necessary for continuous operation and
are typically 220 k
Ω, 20 pF, and 0.0022 µF respectively.
C1 is the timing capacitor found in Figure 1.
C2
≥ I
o (Vo −Vin)/(fosc Vo Vripple).
00871108
V
in = 15V
R4 = 200
Ω
V
o =5V
R5=330
Ω
V
ripple = 50 mV
C1 = 1820 pF
I
o = 1.5A
C2 = 330 µF
f
osc =50kHz
C3=20pF
R1=40k
Ω
L1 = 220 µH
R2=10k
Ω
D1 = 1N5819
R3 = 0.05
Ω
Q1 = D45
FIGURE 17. Buck Converter with Boosted Output Current
00871109
FIGURE 18. Basic Boost Regulator
00871111
V
in =5V
R4=200 k
Ω
V
o = 15V
C1 = 1820 pF
V
ripple =10mV
C2=470 µF
I
o = 140 mA
C3 = 20 pF
f
osc = 50 kHz
C4 = 0.0022 µF
R1 = 140 k
Ω
L1 = 330 µH
R2=10k
Ω
D1 = 1N5818
R3 = 0.15
Ω
FIGURE 19. Boost or Step-Up Regulator
www.national.com
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com