Electronic Components Datasheet Search
  English  ▼

X  

AP1609 Datasheet(PDF) 5 Page - Anachip Corp

Part # AP1609
Description  PWM/PFM Dual Mode Step-up DC/DC Converter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp

AP1609 Datasheet(HTML) 5 Page - Anachip Corp

  AP1609 Datasheet HTML 1Page - Anachip Corp AP1609 Datasheet HTML 2Page - Anachip Corp AP1609 Datasheet HTML 3Page - Anachip Corp AP1609 Datasheet HTML 4Page - Anachip Corp AP1609 Datasheet HTML 5Page - Anachip Corp AP1609 Datasheet HTML 6Page - Anachip Corp AP1609 Datasheet HTML 7Page - Anachip Corp AP1609 Datasheet HTML 8Page - Anachip Corp  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
AP1609
PWM/PFM Dual Mode Step-up DC/DC Converter
Anachip Corp.
www.anachip.com.tw
Rev.1.2 Mar.25, 2005
5/8
Typical Performance Characteristics
0
30
60
90
120
150
180
210
33.5
4
4.5
55.5
6
Vcc v.s. Supply Current
Vcc (V)
VCE=Vcc
Vcc v.s. Frequency
100
150
200
250
300
350
400
33.5
44.5
55.5
6
Vcc (V)
Load=300mA
Line Regulation
-1
-0.8
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0.8
1
3
3.5
4
4.5
5
5.5
6
Vcc (V)
Load=50mA
-2
-1.5
-1
-0.5
0
0.5
1
1.5
2
0
200
400
600
800
1000
Load (mA)
Load Regulation
Vcc=5V
60
65
70
75
80
85
90
95
100
0
0.2
0.4
0.6
0.8
1
1.2
1.4
Load (A)
Load v.s. Efficiency
Vcc=3.3V,Vout=5V
60
65
70
75
80
85
90
95
100
0
0.2
0.4
0.6
0.8
1
1.2
1.4
Load (A)
Load v.s. Efficiency
Vcc=5V,Vout=12V



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com