Electronic Components Datasheet Search
  English  ▼

X  

AP1609 Datasheet(PDF) 6 Page - Anachip Corp

Part # AP1609
Description  PWM/PFM Dual Mode Step-up DC/DC Converter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp

AP1609 Datasheet(HTML) 6 Page - Anachip Corp

  AP1609 Datasheet HTML 1Page - Anachip Corp AP1609 Datasheet HTML 2Page - Anachip Corp AP1609 Datasheet HTML 3Page - Anachip Corp AP1609 Datasheet HTML 4Page - Anachip Corp AP1609 Datasheet HTML 5Page - Anachip Corp AP1609 Datasheet HTML 6Page - Anachip Corp AP1609 Datasheet HTML 7Page - Anachip Corp AP1609 Datasheet HTML 8Page - Anachip Corp  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
AP1609
PWM/PFM Dual Mode Step-up DC/DC Converter
Anachip Corp.
www.anachip.com.tw
Rev.1.2 Mar.25, 2005
6/8
Typical Performance Characteristics (Continued)
100
150
200
250
300
350
400
-50
-25
0
25
50
75
100
Temperature v.s. Frequency
Temperature (
oC)
Load=300mA
Vcc=5V
0
20
40
60
80
100
120
140
160
180
200
-50
-25
0
25
50
75
100
Temperature v.s. Supply Current
Temperature (
oC)
Vcc=5V
-5
-4
-3
-2
-1
0
1
2
3
4
5
-50
-25
0
255075
100
Temperature v.s. Vout
Temperature (oC)
Vcc=5V
Load=100mA
Marking Information
SOP-8L/TSSOP-8L
( Top View )
Logo
Part no.
ID code: internal
Year: "01" =2001
"02" =2002
Xth week: 01~52
1
4
8
5
AP1609
YY WW X



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com