Electronic Components Datasheet Search
  English  ▼

X  

AP1609 Datasheet(PDF) 3 Page - Anachip Corp

Part # AP1609
Description  PWM/PFM Dual Mode Step-up DC/DC Converter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp

AP1609 Datasheet(HTML) 3 Page - Anachip Corp

  AP1609 Datasheet HTML 1Page - Anachip Corp AP1609 Datasheet HTML 2Page - Anachip Corp AP1609 Datasheet HTML 3Page - Anachip Corp AP1609 Datasheet HTML 4Page - Anachip Corp AP1609 Datasheet HTML 5Page - Anachip Corp AP1609 Datasheet HTML 6Page - Anachip Corp AP1609 Datasheet HTML 7Page - Anachip Corp AP1609 Datasheet HTML 8Page - Anachip Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
AP1609
PWM/PFM Dual Mode Step-up DC/DC Converter
Anachip Corp.
www.anachip.com.tw
Rev.1.2 Mar.25, 2005
3/8
Electrical Characteristics
AP1609
(
FOSC=300kHz, VOUT=5V)
Ta=25
oC
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
FB Voltage
VFB
1.20
1.23
1.26
V
Input Voltage
VCC
2.5
-
6
V
Output Voltage
VOUT
3.0
-
17
V
Maximum Switching
Output Current
IOUT
2.4
-
-
A
Drain-Source On-state
Resistance
RDS(ON)
ID=2.4A
-
100
-
mΩ
Quiescent Current
ICCQ
No load, FB=2V, CE=High
-
80
130
µA
Shutdown Current
ISD
No load, CE=Low
-
1
-
µA
Oscillator Frequency
Fosc
Measuring of EXT waveform,
VIN=output voltage+0.3V
240
300
360
kHz
Maximum Duty Ratio
MAXDTY
80
-
-
%
PFM Duty Ratio
PFMDTY
No load
15
25
35
%
CE ”High” Voltage
VCEH
No external components,
VFB=0V,
apply 0.65VCC (min.) to CE,
Chip enable
0.65
-
-
*VCC
CE ”Low” Voltage
VCEL
Same as VCEH,
Chip disable
-
-
0.20
*VCC
Efficiency
EFFI
-
91
-
%



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com