Electronic Components Datasheet Search
  English  ▼

X  

SFH7070 Datasheet(PDF) 1 Page - OSRAM GmbH

Part # SFH7070
Description  BIOFY Sensor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH7070 Datasheet(HTML) 1 Page - OSRAM GmbH

  SFH7070 Datasheet HTML 1Page - OSRAM GmbH SFH7070 Datasheet HTML 2Page - OSRAM GmbH SFH7070 Datasheet HTML 3Page - OSRAM GmbH SFH7070 Datasheet HTML 4Page - OSRAM GmbH SFH7070 Datasheet HTML 5Page - OSRAM GmbH SFH7070 Datasheet HTML 6Page - OSRAM GmbH SFH7070 Datasheet HTML 7Page - OSRAM GmbH SFH7070 Datasheet HTML 8Page - OSRAM GmbH SFH7070 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
2016-10-21
1
! 2007-05-23
BIOFY
® Sensor
Version 1.1
SFH 7070
7
Ordering Information
Features:
•
Multi chip package featuring two green emitters and one detector
•
Package size: (WxDxH) 7.5 mm x 3.9 mm x 0.9 mm
•
Light Barriers to block optical crosstalk
•
optimized for strong PPG signal
Applications
•
Heart rate monitoring
for:
•
Wearable devices (e.g. smart watches, fitness trackers, ...)
•
Mobile devices
Type
Ordering Code
SFH 7070
Q65111A9887


Similar Part No. - SFH7070

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
SFH7072 OSRAM-SFH7072 Datasheet
1Mb / 25P
BIOFY Sensor
SFH7074 OSRAM-SFH7074 Datasheet
2Mb / 32P
BIOFY® Biomonitoring Sensor
Version 1.1 2023-05-22
More results

Similar Description - SFH7070

ManufacturerPart #DatasheetDescription
logo
Roithner LaserTechnik G...
QL85H6S-ABC ROITHNER-QL85H6S-ABC Datasheet
242Kb / 5P
sensor
logo
Murata Manufacturing Co...
IML-0638 MURATA-IML-0638_17 Datasheet
185Kb / 2P
Sensor
IML-0650 MURATA-IML-0650_17 Datasheet
181Kb / 2P
Sensor
IML-0688 MURATA-IML-0688 Datasheet
185Kb / 2P
Sensor
IRA-S410ST03 MURATA-IRA-S410ST03_17 Datasheet
219Kb / 3P
Sensor
PKGS-00LDP1-R MURATA-PKGS-00LDP1-R_17 Datasheet
201Kb / 3P
Sensor
logo
OSRAM GmbH
SFH7072 OSRAM-SFH7072 Datasheet
1Mb / 25P
BIOFY Sensor
logo
HOPE Microelectronics C...
TH10 HOPE-TH10 Datasheet
651Kb / 15P
SENSOR
logo
Epson ToYoCom
TSU-20G EPSONTOYOCOM-TSU-20G Datasheet
448Kb / 2P
SENSOR QUARTZ PRESSURE SENSOR
logo
Epson Company
TSU EPSON-TSU Datasheet
448Kb / 2P
SENSOR QUARTZ PRESSURE SENSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com