Electronic Components Datasheet Search
  English  ▼

X  

SFH7070 Datasheet(PDF) 4 Page - OSRAM GmbH

Part # SFH7070
Description  BIOFY Sensor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH7070 Datasheet(HTML) 4 Page - OSRAM GmbH

  SFH7070 Datasheet HTML 1Page - OSRAM GmbH SFH7070 Datasheet HTML 2Page - OSRAM GmbH SFH7070 Datasheet HTML 3Page - OSRAM GmbH SFH7070 Datasheet HTML 4Page - OSRAM GmbH SFH7070 Datasheet HTML 5Page - OSRAM GmbH SFH7070 Datasheet HTML 6Page - OSRAM GmbH SFH7070 Datasheet HTML 7Page - OSRAM GmbH SFH7070 Datasheet HTML 8Page - OSRAM GmbH SFH7070 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
2016-10-21
4
Version 1.1
SFH 7070
Characteristics (T
A = 25 °C)
Parameter
Symbol
Value
Unit
Green Emitter (single emitter)
Wavelength of peak emission
(I
F = 20 mA)
(typ.)
peak
526
nm
Centroid Wavelength
(I
F = 20 mA)
(typ.
(max.))
centroid
530 (±10)
nm
Spectral bandwidth at 50% of I
max
(I
F = 20 mA)
(typ.)

32
nm
Half angle
(typ.)
± 60
°
Rise and fall time of I
e
(10% and 90% of I
e max)
(I
F = 100 mA, tp = 16 µs, RL = 50 )
(typ.)
t
r, tf
56
ns
Forward voltage
(I
F = 20 mA)
(typ.
(max.))
V
F
3.0 (
≤ 3.4)
V
Reverse current
(V
R = 5 V)
I
R
not designed for reverse
operation
µA
Radiant intensity
(I
F = 20 mA, tp = 20 ms)
(typ.)
I
e
3.8
mW / sr
Total radiant flux
(I
F = 20 mA, tp = 20 ms)
(typ.)
e
11.7
mW
Temperature coefficient of
e or e
(I
F = 20 mA, tp = 20 ms)
(typ.)
TC
-0.35
% / K
Temperature coefficient of
centroid
(I
F = 20 mA, tp = 20 ms)
(typ.)
TCcentroid
0.03
nm / K
Temperature coefficient of V
F
(I
F = 20 mA, tp = 20 ms)
(typ.)
TC
V
-3.6
mV / K



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com