Electronic Components Datasheet Search
  English  ▼

X  

SFH7070 Datasheet(PDF) 5 Page - OSRAM GmbH

Part # SFH7070
Description  BIOFY Sensor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH7070 Datasheet(HTML) 5 Page - OSRAM GmbH

  SFH7070 Datasheet HTML 1Page - OSRAM GmbH SFH7070 Datasheet HTML 2Page - OSRAM GmbH SFH7070 Datasheet HTML 3Page - OSRAM GmbH SFH7070 Datasheet HTML 4Page - OSRAM GmbH SFH7070 Datasheet HTML 5Page - OSRAM GmbH SFH7070 Datasheet HTML 6Page - OSRAM GmbH SFH7070 Datasheet HTML 7Page - OSRAM GmbH SFH7070 Datasheet HTML 8Page - OSRAM GmbH SFH7070 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
Version 1.1
SFH 7070
2016-10-21
5
Detector
Photocurrent
(E
e = 0.1 mW/cm
2,
= 530 nm, V
R = 5 V)
(typ.)
I
P,530
0.985
µA
Wavelength of max. sensitivity
(typ.)
S max
635
nm
Spectral range of sensitivity
(typ.)
10%
402 … 694
nm
Radiation sensitive area
(typ.)
A
3.46
mm
2
Dimensions of radiant sensitive area
(typ.)
L x W
1.29 x 2.69
mm x mm
Half angle
(typ.)
± 57
°
Dark current
(V
R = 5 V, Ee = 0 mW/cm
2)
(typ.
(max.))
I
R
0.4 (
≤ 5)
nA
Spectral sensitivity of the chip
(
 = 530nm)
(typ.)
S530
0.31
A / W
Spectral sensitivity of the chip
(
 > 690nm)
(typ.)
S
IR
0.02
A / W
Open-circuit voltage
(E
e = 0.1 mW/cm
2,
 = 530 nm)
(typ.)
V
O,535
390
mV
Short-circuit current
(E
e = 0.1 mW/cm
2,
 = 530 nm)
(typ.)
I
SC,535
0.984
µA
Rise and fall time
(V
R = 5 V, RL = 50 ,  = 530nm)
(typ.)
t
r, tf
40
ns
Forward voltage
(I
F = 10 mA, E = 0 mW/cm
2)
(typ.)
V
F
0.84
V
Capacitance
(V
R = 5 V, f = 1 MHz, E = 0 mW/cm
2)
(typ.)
C
0
55
pF
Characteristics (T
A = 25 °C)
Parameter
Symbol
Value
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com