Electronic Components Datasheet Search
  English  ▼

X  

SFH7771 Datasheet(PDF) 6 Page - OSRAM GmbH

Part # SFH7771
Description  Ambient Light and Proximity Sensor
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH7771 Datasheet(HTML) 6 Page - OSRAM GmbH

Back Button SFH7771 Datasheet HTML 2Page - OSRAM GmbH SFH7771 Datasheet HTML 3Page - OSRAM GmbH SFH7771 Datasheet HTML 4Page - OSRAM GmbH SFH7771 Datasheet HTML 5Page - OSRAM GmbH SFH7771 Datasheet HTML 6Page - OSRAM GmbH SFH7771 Datasheet HTML 7Page - OSRAM GmbH SFH7771 Datasheet HTML 8Page - OSRAM GmbH SFH7771 Datasheet HTML 9Page - OSRAM GmbH SFH7771 Datasheet HTML 10Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
Version 1.1
6
Version 1.1
SFH 7771
Maximum Ratings
(T
A = 25 °C)
Parameter
Symbol
Values
Unit
Storage temperature range
T
stg
-40 ... 100
°C
Operating temperature range
T
op
-40 ... 85
°C
Maximum supply voltage
(between V
DD and GND)
V
DD
4.5
V
Maximum voltage of SDA, SCL to GND
V
SDA,
V
SCL
4.5
V
Maximum voltage of INT to GND
V
INT
7V
Maximum voltage of VLED to GND
V
LEDC
7V
Maximum Current of INT and SDA
I
INT / ISDA
7mA
Electrostatic discharge
- Human Body Model
(according to ANSI / ESDA JEDEC JS-001-2011;
Class2)
ESD
2
kV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com