Electronic Components Datasheet Search
  English  ▼

X  

SFH7771 Datasheet(PDF) 9 Page - OSRAM GmbH

Part # SFH7771
Description  Ambient Light and Proximity Sensor
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH7771 Datasheet(HTML) 9 Page - OSRAM GmbH

Back Button SFH7771 Datasheet HTML 5Page - OSRAM GmbH SFH7771 Datasheet HTML 6Page - OSRAM GmbH SFH7771 Datasheet HTML 7Page - OSRAM GmbH SFH7771 Datasheet HTML 8Page - OSRAM GmbH SFH7771 Datasheet HTML 9Page - OSRAM GmbH SFH7771 Datasheet HTML 10Page - OSRAM GmbH SFH7771 Datasheet HTML 11Page - OSRAM GmbH SFH7771 Datasheet HTML 12Page - OSRAM GmbH SFH7771 Datasheet HTML 13Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 30 page
background image
Version 1.1
SFH 7771
22.04.2016
9
Characteristics (Ta = 25°C)
Parameter
Symbol
Value
Unit
min.
typ.
max.
Ambient Light Sensors: ALS_VIS and ALS_IR diode
Wavelength of max. sensitivity for ALS_VIS

Smax
520
nm
Spectral range of sensitivity (10% of S
max) of
ALS VIS
S10%
380
950
nm
Wavelength of max. sensitivity of ALS_IR
Smax
880
nm
Spectral range of sensitivity (10% of S
max) of
ALS IR
S10%
800
1070
nm
Illuminance measurement range is
programmable
(MODE_CONTROL (0x41) = 0x0A or 0x0B)
0.001
43000
lx
ALS_VIS sensor output
(1000lx; white LED; V
DD = 2.5V)
(MODE_CONTROL (0x41) = 0x08)
(ALS_PS_CONTROL (0x42): Gain = X1)
ALS
VIS_out
1275
1500
1725
counts
ALS_IR sensor output
(324µW/cm²; IRED 850 nm; V
DD = 2.5V)
(MODE_CONTROL (0x41) = 0x08)
(ALS_PS_CONTROL (0x42): Gain = X1)
ALS
IR_out
516
608
700
counts
ALS_VIS sensor output at darkness
(MODE_CONTROL (0x41) = 0x08)
(ALS_PS_CONTROL (0x42): Gain = X1)
ALS
VIS_out
00
2counts
ALS_IR sensor output at darkness
(MODE_CONTROL (0x41) = 0x08)
(ALS_PS_CONTROL (0x42): Gain = X1)
ALS
IR_out
00
2counts
Resolution of the digital output signal based on
gain settings for ALS_VIS:
MODE_CONTROL (0x41) = 0x08
t
int ALS = 100ms
Gain X1
Gain X2
Gain X 64
Gain X 128
High sensitive mode:
MODE_CONTROL (0x41) = 0x0A
t
int ALS = 400ms
Gain X 128
ALS
VIS_out
0.68
0.34
0.01
0.005
0.001
lx/count



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com