Electronic Components Datasheet Search
  English  ▼

X  

SFH7771 Datasheet(PDF) 1 Page - OSRAM GmbH

Part # SFH7771
Description  Ambient Light and Proximity Sensor
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH7771 Datasheet(HTML) 1 Page - OSRAM GmbH

  SFH7771 Datasheet HTML 1Page - OSRAM GmbH SFH7771 Datasheet HTML 2Page - OSRAM GmbH SFH7771 Datasheet HTML 3Page - OSRAM GmbH SFH7771 Datasheet HTML 4Page - OSRAM GmbH SFH7771 Datasheet HTML 5Page - OSRAM GmbH SFH7771 Datasheet HTML 6Page - OSRAM GmbH SFH7771 Datasheet HTML 7Page - OSRAM GmbH SFH7771 Datasheet HTML 8Page - OSRAM GmbH SFH7771 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
22.04.2016
1
Ambient Light and Proximity Sensor
Version 1.1
SFH 7771
Ordering Information
Features:
• Proximity sensor (PS)
- Detection range up to 250 mm
- Suitable for emitters with 850nm...940nm
- Very good performance behind dark cover glass with 940nm emitters
- Programmable pulse current up to 200 mA
• Ambient light sensor (ALS) 
- detection range 0.001 - 43000 lx;
- 50Hz/60Hz flicker noise suppression
• I²C interface (max. 400kHz)
• PS and ALS Interrupt function
• Current consumption
- typ. 0.8 µA in Standby mode
- typ 90µA for ALS operation
- typ 90µA for PS operation
• Miniature package 2mm x 2.1mm x 0.6mm
Applications
• Mobile phones
• PDAs and notebooks
• Cameras
• Consumer products
Type:
Ordering Code
SFH 7771
Q65111A4189


Similar Part No. - SFH7771

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
SFH7770 OSRAM-SFH7770 Datasheet
243Kb / 22P
Not for design in automotive and industrial applications
SFH7770E6 OSRAM-SFH7770E6 Datasheet
825Kb / 33P
Ambient Light and Proximity Sensor
SFH7773 OSRAM-SFH7773 Datasheet
883Kb / 23P
(IR-LED Proximity Sensor Ambient Light Sensor)
SFH7776 OSRAM-SFH7776 Datasheet
430Kb / 34P
Ambient Light and Proximity Sensor with Integrated 850nm IR Emitter
SFH7776 OSRAM-SFH7776 Datasheet
430Kb / 34P
Ambient Light and Proximity Sensor with Integrated 850nm IR Emitter
More results

Similar Description - SFH7771

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL29015 INTERSIL-ISL29015 Datasheet
596Kb / 13P
Integrated Digital Ambient Light Sensor and Proximity Sensor
October 31, 2008
logo
OSRAM GmbH
SFH7770E6 OSRAM-SFH7770E6 Datasheet
825Kb / 33P
Ambient Light and Proximity Sensor
logo
AVAGO TECHNOLOGIES LIMI...
APDS-9900 AVAGO-APDS-9900 Datasheet
1Mb / 28P
Digital Proximity and Ambient Light Sensor
APDS-9930 AVAGO-APDS-9930 Datasheet
1Mb / 34P
Digital Proximity and Ambient Light Sensor
APDS-9901 AVAGO-APDS-9901 Datasheet
1Mb / 28P
Digital Proximity and Ambient Light Sensor
APDS-9800 AVAGO-APDS-9800 Datasheet
283Kb / 11P
Integrated Ambient Light and Proximity Sensor
APDS-9801 AVAGO-APDS-9801 Datasheet
234Kb / 24P
Digital Proximity and Analog Ambient Light Sensor
logo
OSRAM GmbH
SFH-7771 OSRAM-SFH-7771 Datasheet
1Mb / 30P
Ambient Light and Proximity Sensor
logo
Renesas Technology Corp
ISL29015 RENESAS-ISL29015 Datasheet
852Kb / 13P
Integrated Digital Ambient Light Sensor and Proximity Sensor
logo
Rohm
RPR-0521RS-EVK-001 ROHM-RPR-0521RS-EVK-001 Datasheet
663Kb / 3P
Proximity Sensor/Ambient Light Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com